Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212385159 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL212385159
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212385159 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL212385159 Datasheet HTML 2Page - Vishay Siliconix MAL212385159 Datasheet HTML 3Page - Vishay Siliconix MAL212385159 Datasheet HTML 4Page - Vishay Siliconix MAL212385159 Datasheet HTML 5Page - Vishay Siliconix MAL212385159 Datasheet HTML 6Page - Vishay Siliconix MAL212385159 Datasheet HTML 7Page - Vishay Siliconix MAL212385159 Datasheet HTML 8Page - Vishay Siliconix MAL212385159 Datasheet HTML 9Page - Vishay Siliconix MAL212385159 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors
Solid Axial
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355
256
Revision: 23-Jun-08
IMPEDANCE (Z)
Typical impedance at 100 kHz and Tamb = 25 °C: 0.5 x value stated in Table 2.
MAXIMUM POWER DISSIPATION
MAXIMUM CASE SIZE
Ø D x L
(mm)
Pmax. =P125
(W)
6.7 x 15.3
0.13
7.6 x 20.4
0.16
9.4 x 23.3
0.21
10.3 x 32.0
0.26
12.9 x 32.0
0.32
EQUIVALENT SERIES INDUCTANCE (ESL), f= 10 MHz
MAXIMUM CASE SIZE
Ø D x L
(mm)
PITCH
(mm)
MAX. ESL
(nH)
TYP. ESL
(nH)
6.7 x 15.3
20.3
30
15 to 23
7.6 x 20.4
25.4
30
16 to 24
9.4 x 23.3
27.9
35
20 to 27
10.3 x 32.0
35.6
40
26 to 33
12.9 x 32.0
35.6
55
32 to 49
Fig.9 Typical multiplier of impedance as a function of frequency at different ambient temperatures
Curve 1: case Ø D x L = 6.7 x 15.3 and 7.6 x 20.4 mm; 16 to 40 V
Curve2: case Ø D x L= 6.7 x 15.3 and7.6 x 20.4mm; 6.3to10V
Curve 3: case Ø D x L = 9.4 x 32.0, 10.3 x 32.0 and 12.9 x 32.0 mm
Z0 = initial impedance value at any frequency and Tamb =25 °C
2.0
0
0.5
10
10 2
10 3
10 4
10
5
10 6
10 7
1.5
1.0
2.5
3.5
3.0
standard deviation
σ (%)
1
4
7
10
10
3
f (Hz)
Z
0
Z
2
+ 175 °C
1
2
3
1
1
3
2
1
3
2
1
3
+ 85 °C
+ 25 °C
- 25 °C
- 55 °C


Similar Part No. - MAL212385159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212385159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com