Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212837158E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MAL212837158E3
Description  Aluminum Capacitors Solid Al, Radial Pearl Miniature
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212837158E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MAL212837158E3 Datasheet HTML 2Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 3Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 4Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 5Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 6Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 7Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 8Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 9Page - Vishay Siliconix MAL212837158E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
161
128 SAL-RPM
Aluminum Capacitors Solid Al,
Radial Pearl Miniature
Vishay BCcomponents
Table 3
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 125 °C;
UR = 6.3 V to 25 V with UR applied;
UR = 40 V with UC applied;
10 000 hours
ΔC/C: ± 10 %
tan
δ≤ 1.2 x spec. limit
Z
≤ 1.2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30302
subclause 1.8.1
Tamb = 125 °C;
IR applied and:
UR = 6.3 V to 25 V with UR applied;
UR = 40 V with UC applied;
20 000 hours
ΔC/C: ± 15 %
tan
δ≤ 1.5 x spec. limit
Z
≤ 1.5 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage:
< 1%
Shelf life (storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 125 °C; no voltage applied;
500 hours
ΔC/C: ± 10 %
tan
δ≤ 1.2 x spec. limit
IL5 ≤ spec. limit
Charge and discharge
IEC 60384-4-2
subclause 9.21
106 cycles without series resistance:
0.5 s to UR;
0.5 s to ground
ΔC/C: ± 5 %
no short or open circuit,
no visible damage
Solvent resistance
IEC 60068-2-45,
test XA
IEC 60653
immersion: 5 min ± 0.5 min with or without
ultrasonic at 55 °C ± 5 °C
solvents: demineralized water and/or calgonite
solution (20 g/l)
visual appearance not affected
Extended vibration
IEC 60068-2-6
test Fc
10 Hz to 2000 Hz; 1.5 mm or 20 g;
1 octave/min; 3 directions;
1 sweep per direction; no voltage applied
no intermittent contacts
no breakdown
no open circuiting
no mechanical damage
ΔC/C: ± 5 %
tan
δ≤ 1.2 x spec. limit
Z
≤ 1.2 x spec. limit
IL5 ≤ 1.5 x spec. limit
Shock
IEC 60068-2-27
test Ea
half-sine or sawtooth pulse shape; 50 g; 11 ms;
3 successive shocks in each direction of
3 mutually perpendicular axes;
no voltage applied
no intermittent contacts
no breakdown
no open circuiting
no mechanical damage
ΔC/C: ± 5 %
tan
δ≤ 1.2 x spec. limit
Z
≤ 1.2 x spec. limit
IL5 ≤ 1.5 x spec. limit
Passive flammability
IEC 60695-2-2
capacitor mounted to a vertical printed-circuit
board,
one flame on capacitor body;
Tamb = 20 °C to 25 °C;
test duration = 20 s
after removing the test flame from
the capacitor, the capacitor must not
continue to burn for more than 15 s;
no burning particles must drop from
the sample


Similar Part No. - MAL212837158E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212837158E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
   Aluminum Capacitors Solid AI, Radial Pearl Miniature
Revision: 07-May-13
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 15-May-08
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com