Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212363681 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL212363681
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212363681 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL212363681 Datasheet HTML 4Page - Vishay Siliconix MAL212363681 Datasheet HTML 5Page - Vishay Siliconix MAL212363681 Datasheet HTML 6Page - Vishay Siliconix MAL212363681 Datasheet HTML 7Page - Vishay Siliconix MAL212363681 Datasheet HTML 8Page - Vishay Siliconix MAL212363681 Datasheet HTML 9Page - Vishay Siliconix MAL212363681 Datasheet HTML 10Page - Vishay Siliconix MAL212363681 Datasheet HTML 11Page - Vishay Siliconix MAL212363681 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors
Solid Axial
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355
258
Revision: 23-Jun-08
IMPEDANCE (Z)
EQUIVALENT SERIES RESISTANCE (ESR)
Typical ESR: see Figs to 24; the standard deviation is 20 % of each value.
106
105
10
4
10
3
102
f (Hz) 10
7
Z
(Ω)
1
2
3
10
2
10
1
10
-1
10
-2
Case Ø D x L = 12.9 x 32.0 mm; U
R = 6.3 to 10 V
Curve 1: 680 µF, 10 V
Curve 2: 1000 µF, 6.3 V
Curve 3: 1500 µF, 6.3 V
T
amb = 25 °C
Fig.18 Typical impedance as a function of frequency
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
T
amb = 25 °C
Case Ø D x L = 10.3 x 32.0 mm; U
R = 6.3 to 16 V
1
2
3
4
5
Curve 1: 220 µF, 16 V
Curve 2: 330 µF, 16 V
Curve 3: 330 µF, 10 V
Curve 4: 470 µF, 10 V
Curve 5: 680 µF, 6.3 V
Fig.16 Typical impedance as a function of frequency
106
105
10
4
10
3
102
f (Hz) 10
7
Z
(Ω)
10
2
10
1
10
-1
10
-2
T
amb = 25 °C
1
2
3
4
5
6
Case Ø D x L = 12.9 x 32.0 mm; U
R = 10 to 40V
Curve 1: 100 µF, 35 and 40 V
Curve 2: 150 µF, 35 V
Curve 3: 220 µF, 25 V
Curve 4: 470 µF, 16 V
Curve 5: 680 µF, 16 V
Curve 6: 1000 µF, 10 V
Fig.19 Typical impedance as a function of frequency
Fig.17 Typical impedance as a function of frequency
Z
( )
Ω
10
3
10
2
10
1
10
-1
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
T
amb = 25 °C
Curve 1: 47 V, 40 V
Curve 2: 68 V, 35 and 40 V
Curve 3: 150 V, 25 V
1
2
3
Case Ø D x L = 10.3 x 32.0 mm;
U
R = 25 to 40 V
Fig.20 Typical ESR as a function of ambient temperature
ESR
(Ω)
0
80
- 40
120
160
200
Tamb (°C)
- 80
10
1
40
10
2
10
-1
1
3
2
4
5
Curve 1: 10 mF, 25 V; 6.8 mF, 35 and 40 V
Curve 2: 10 mF, 16 V
Curve 3: 22 mF, 16 V
Curve 4: 33 mF, 10 V
Curve 5: 47 mF, 6.3 and 10 V; 68 mF, 6.3 V
Case Ø D x L = 6.7 x 15.3 mm
ESR at 100 Hz
Fig.21 Typical ESR as a function of ambient temperature
ESR
(Ω)
0
80
- 40
120
160
200
Tamb (°C)
- 80
10
1
40
10
2
10
-1
Curve 1: 10 µF, 35 and 40 V
Curve 2: 33 µF, 25 V
Curve 3: 47 µF, 25 V
Curve 4: 68 µF, 10 V; 150 µF, 6.3 V
Case Ø D x L = 7.6 x 20.4 mm
1
2
3
4
5
ESR at 100 Hz


Similar Part No. - MAL212363681

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212363681

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com