Electronic Components Datasheet Search |
|
MAL212363681 Datasheet(PDF) 11 Page - Vishay Siliconix |
|
MAL212363681 Datasheet(HTML) 11 Page - Vishay Siliconix |
11 / 12 page Document Number: 28355 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com Revision: 23-Jun-08 261 123 SAL-A Aluminum Capacitors Solid Axial Vishay BCcomponents ADDITIONAL TESTS AND REQUIREMENTS FOR EPOXY-FILLED VERSIONS SAL-AG 2281 123 8.... Form BA ± 10 %, level S, lead (Pb)-free 2222 123 8.... Form BA ± 10 %, level S, non lead (Pb)-free Table 4 TEST PROCEDURES AND REQUIREMENTS TEST PROCEDURE REQUIREMENTS Severe vibration tests in accordance with “IEC 60068-2-6” and “MIL STD-202”, method 204, letter E, with the following details and additions Method of mounting: clamping both body and leads ΔC/C: ± 10 % tan δ≤ 1.2 x stated limit Z ≤ 1.4 x stated limit DC leakage current: ≤ stated limit no intermittent contacts no indication of breakdown no open circuiting no evidence of mechanical damage severity 1 frequency range temperature 10 to 3000 Hz; 20 to 25 °C severity 2 frequency range temperature 50 to 2000 Hz; 125 °C severity 1 and 2 vibration amplitude: 50 g or 3.5 mm, whichever is less Direction and duration of motion: severity 1 1 octave/minute; 3 directions (mutually perpendicular); 20 sweeps per direction (total 60 sweeps or 18 hours) severity 2 1 octave/minute; 2 directions (longitudinal and transversal); 3 sweeps per direction (total 6 sweeps or 1 hour) Functioning: severity 1 rated voltage applied severity 2 no voltage applied Typical capability > 80 g at 10 to 3000 Hz (also at 125 °C) Severe shock tests in accordance with “IEC 60068-2-27” and “MIL STD-202”, method 213, letter F, with the following details and additions: Method of mounting clamping both body and leads ΔC/C: ± 10 % tan δ≤ 1.2 x stated limit Z ≤ 1.4 x stated limit DC leakage current: ≤ stated limit no intermittent contacts no indication of breakdown no open circuiting no evidence of mechanical damage Pulse shape: half-sine or sawtooth severity 1 1500 g; 0.5 ms (“MIL STD-202”, method 213, letter F) severity 2 3000 g; 0.2 ms severity 3 10 000 g; 0.1 ms Direction and number of shocks: severity 1 and 2 3 successive shocks in each direction of 3 mutually perpendicular axes (total 18 shocks) severity 3 1 shock in any direction Functioning rated voltage applied |
Similar Part No. - MAL212363681 |
|
Similar Description - MAL212363681 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |