Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213634102E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL213634102E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213634102E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL213634102E3 Datasheet HTML 1Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 2Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 3Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 4Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 5Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 6Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 7Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 8Page - Vishay Siliconix MAL213634102E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28321
130
Revision: 21-Dec-07
136 RVI
Vishay BCcomponents
Aluminum Capacitors
Radial Very Low Impedance
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with
pressure relief, insulated with a blue vinyl sleeve
• Charge and discharge proof
• Very long useful life:
4000 to 10 000 hours at 105
°C, very high reliability
• Very low impedance or ESR respectively,
• Excellent ripple current capability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Power supplies (SMPS, DC/DC converters) for general
industrial, EDP, audio-video,
automotive and telecommunications
• Smoothing, filtering, buffering
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance value (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (136)
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
10 x 12
to 18 x 35
Rated capacitance range, CR
22 to 10000
μF
Tolerance on CR
± 20 %
Rated voltage range, CR
10 to 100 V
Category temperature range
- 55 to + 105
°C
Endurance test at 105
°C
3000 to 5000 hours
(dependent on case size)
Useful life at 105
°C
4000 to 10 000 hours
(dependent on case size)
Useful life at 40
°C,
1.8 x IR applied
200 000 to 500 000 hours
(dependent on case size)
Shelf life at 0 V, 105
°C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/105/56
RoHS
COMPLIANT


Similar Part No. - MAL213634102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213634102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com