Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR350 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR350
Description  Schottky Rectifier, 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR350 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR350 Datasheet HTML 1Page - Vishay Siliconix MBR350 Datasheet HTML 2Page - Vishay Siliconix MBR350 Datasheet HTML 3Page - Vishay Siliconix MBR350 Datasheet HTML 4Page - Vishay Siliconix MBR350 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 93450
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Nov-08
3
MBR350, MBR360
Schottky Rectifier, 3 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Allowable Lead Temperature vs.
Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
Forward Voltage Drop - V
FM
(V)
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C
0.001
0.01
0.1
1
10
100
020
40
60
125˚C
25˚C
T = 150˚C
J
Reverse Voltage - V
R
(V)
10
100
1000
0
40
80
120
160
T = 25˚C
J
Reverse Voltage - V
R
(V)
Average Forward Current - I
F(AV)
(A)
0
20
40
60
80
100
120
140
160
012345
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (1)
Average Forward Current - I
F(AV)
(A)
0
0.5
1
1.5
2
2.5
3
00.5 11.5 22.5 33.5 4 4.5 5
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC


Similar Part No. - MBR350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR350 IRF-MBR350 Datasheet
33Kb / 5P
   SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Motorola, Inc
MBR350 MOTOROLA-MBR350 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
logo
Pan Jit International I...
MBR350 PANJIT-MBR350 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com