Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215375471E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215375471E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215375471E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215375471E3 Datasheet HTML 1Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 2Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 3Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 4Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 5Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 6Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 7Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 8Page - Vishay Siliconix MAL215375471E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28388
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
51
153 CRV
Aluminum Capacitors
SMD (Chip) Long Life Vertical
Vishay BCcomponents
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(µF)
UR (V)
6.3
10
16253550
63
100
0.47
----
-
4.0 x 4.0 x 5.3--
1.0
----
-
4.0 x 4.0 x 5.3--
2.2
----
-
4.0 x 4.0 x 5.3--
3.3
----
-
4.0 x 4.0 x 5.3--
4.7
----
4.0 x 4.0 x 5.3
5.0 x 5.0 x 5.3--
10
-
-
4.0 x 4.0 x 5.3
-
5.0 x 5.0 x 5.3
6.3 x 6.3 x 5.3
-
10 x 10 x 12
22
4.0 x 4.0 x 5.3
-
5.0 x 5.0 x 5.3
-
6.3 x 6.3 x 5.3
8.0 x 8.0 x 6.5
-
10 x 10 x 12
33
-
5.0 x 5.0 x 5.3
-
6.3 x 6.3 x 5.3
8.0 x 8.0 x 6.5
8.0 x 8.0 x 10
-
10 x 10 x 14
47
5.0 x 5.0 x 5.3
-
6.3 x 6.3 x 5.3
8.0 x 8.0 x 6.5
-
8.0 x 8.0 x 10
10 x 10 x 12
-
100
6.3 x 6.3 x 5.3
-
8.0 x 8.0 x 6.5
8.0 x 8.0 x 10
-
10 x 10 x 10
10 x 10 x 14
-
----
-
10 x 10 x 12--
220
-
8.0 x 8.0 x 10
10 x 10 x 10
10 x 10 x 12
10 x10 x 12
-
-
-
330
8.0 x 8.0 x 10
10 x 10 x 10
10 x 10 x 12
10 x 10 x 14----
470
10 x 10 x 10
10 x 10 x 12
10 x 10 x 14-
----
680
10 x 10 x 12
10 x 10 x 14--
----
1000
10 x 10 x 14
-
-
-
----
TAPE AND REEL DIMENSIONS in millimeters AND PACKAGING QUANTITIES
CASE CODE
PITCH
P1
TAPE WIDTH
W
TAPE THICKNESS
T2
REEL DIAMETER
PACKAGING
QUANTITY
PER REEL
0405
8
12
5.8
380
2000
0505
12
12
5.8
380
1000
0605
12
16
5.8
380
1000
0807
12
16
6.8
380
1000
0810
16
24
11.3
380
500
1010
16
24
11.3
380
500
1012
16
24
12.8
330
250
1014
16
24
14.8
330
250


Similar Part No. - MAL215375471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215360109E3 VISHAY-MAL215360109E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360221E3 VISHAY-MAL215360221E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360229E3 VISHAY-MAL215360229E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360339E3 VISHAY-MAL215360339E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360478E3 VISHAY-MAL215360478E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
More results

Similar Description - MAL215375471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com