Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215376331E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL215376331E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215376331E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL215376331E3 Datasheet HTML 1Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 2Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 3Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 4Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 5Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 6Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 7Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 8Page - Vishay Siliconix MAL215376331E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 28388
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
55
153 CRV
Aluminum Capacitors
SMD (Chip) Long Life Vertical
Vishay BCcomponents
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
IEC 6084-18, subclause 4.14
Us ≤ 1.15 x UR
Reverse voltage
IEC 60384-18, subclause 4.16
Urev ≤ 1V
Current
Leakage current
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR or 3 µA, whichever is greater
Inductance
Equivalent series inductance (ESL)
Case codes 0405 to 0605
typ. 10 nH
Case codes 0807 to 1014
typ. 15 nH
CAPACITANCE (C)
- 40
- 20
0
20
40
60
80
100
120
1.1
1.0
0.9
0.8
0.7
C
C
0
Fig.5 Typical multiplier of capacitance at 100 or 120 Hz as a
function of ambient temperature
T
amb (°C)
C
0 = Capacitance at 20 °C
1
2
2
1
Curve 1: 1 µF, 50 V
Curve 2: 100 µF, 6.3 V
Fig.6 Typical ESR as a function of frequency at 20 °C
f (kHz)
ESR
(
Ω)
10
2
10
1
0.1
0.1
1
10
10
2
10
3
Curve 1: 22 µF, 6.3 V
Curve 2: 22 µF, 16 V
Curve 3: 22 µF, 25 V
EQUIVALENT SERIES RESISTANCE (ESR)
1
2
3
10
1
0.1
0.01
-1
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb
(°C)
2
1
tan
δ
DISSIPATION FACTOR (tan
δ)
Curve 1: 1 µF, 50 V
Curve 2: 100 µF, 6.3 V
Fig.7 Typical dissipation factor (tan
δ) at 100 Hz or 120 Hz as
a function of ambient temperature
Fig.8 Typical impedance as a function of frequency at 20 °C
f (kHz)
Z
(
Ω)
10
2
10
1
0.1
0.1
1
10
10
2
10
3
IMPEDANCE (Z)
1
2
3
Curve 1: 22 µF, 6.3 V
Curve 2: 22 µF, 16 V
Curve 3: 22 µF, 25 V


Similar Part No. - MAL215376331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215360109E3 VISHAY-MAL215360109E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360221E3 VISHAY-MAL215360221E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360229E3 VISHAY-MAL215360229E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360339E3 VISHAY-MAL215360339E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360478E3 VISHAY-MAL215360478E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
More results

Similar Description - MAL215376331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com