Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215637153E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215637153E3
Description  Aluminum Capacitors Aluminum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215637153E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215637153E3 Datasheet HTML 1Page - Vishay Siliconix MAL215637153E3 Datasheet HTML 2Page - Vishay Siliconix MAL215637153E3 Datasheet HTML 3Page - Vishay Siliconix MAL215637153E3 Datasheet HTML 4Page - Vishay Siliconix MAL215637153E3 Datasheet HTML 5Page - Vishay Siliconix MAL215637153E3 Datasheet HTML 6Page - Vishay Siliconix MAL215637153E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
156 PUM-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Miniature Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28337
38
Revision: 18-Aug-08
40
2700
22 x 25
2.47
220
97
57
17272E3
57272E3
3300
22 x 30
2.98
268
74
43
27332E3
67332E3
3300
25 x 25
2.69
268
93
58
17332E3
57332E3
4700
25 x 30
3.32
380
68
44
27472E3
67472E3
6800
25 x 40
4.26
548
49
33
37682E3
77682E3
8200
30 x 30
3.49
660
74
44
37822E3
77822E3
10 000
30 x 35
4.02
804
60
38
17103E3
57103E3
12 000
30 x 40
4.49
964
52
33
17123E3
57123E3
15 000
30 x 50
5.39
1204
41
28
37153E3
77153E3
18 000
35 x 40
4.39
1444
62
33
17183E3
57183E3
22 000
35 x 50
5.34
1764
47
28
27223E3
67223E3
50
2200
22 x 25
2.34
224
107
62
11222E3
51222E3
3300
22 x 30
2.92
334
76
46
11332E3
51332E3
3900
25 x 30
3.17
394
74
47
21392E3
61392E3
4700
25 x 35
3.64
474
62
40
21472E3
61472E3
5600
25 x 40
4.09
564
53
35
21562E3
61562E3
6800
30 x 30
3.35
684
79
48
21682E3
61682E3
8200
30 x 35
3.88
824
65
40
21822E3
61822E3
10 000
30 x 40
4.32
1004
56
35
11103E3
51103E3
12 000
30 x 50
5.23
1204
43
29
11123E3
51123E3
18 000
35 x 50
5.18
1804
50
29
11183E3
51183E3
22 000
35 x 60
5.97
2204
51
46
11223E3
51223E3
63
1500
22 x 25
2.13
193
128
68
18152E3
58152E3
1800
25 x 25
2.37
231
120
69
18182E3
58182E3
2200
22 x 30
2.66
281
92
50
18222E3
58222E3
2200
25 x 25
2.42
281
115
70
28222E3
68222E3
2700
25 x 30
2.95
344
86
51
28272E3
68272E3
3300
25 x 35
3.39
420
71
43
28332E3
68332E3
3900
25 x 40
3.81
495
61
37
28392E3
68392E3
4700
22 x 50
4.26
596
50
30
18472E3
58472E3
4700
30 x 30
3.25
596
85
53
38472E3
78472E3
5600
30 x 35
3.75
710
69
45
28562E3
68562E3
6800
30 x 40
4.19
861
59
39
18682E3
58682E3
6800
35 x 30
3.28
861
97
53
28682E3
68682E3
8200
30 x 50
5.05
1037
46
32
38822E3
78822E3
10 000
35 x 40
4.23
1264
67
39
18103E3
58103E3
12 000
35 x 50
5.15
1516
51
32
18123E3
58123E3
15 000
35 x 60
5.89
1894
52
47
18153E3
58153E3
80
1500
22 x 30
1.83
244
318
308
12152E3
52152E3
2200
25 x 30
2.23
356
230
224
22222E3
62222E3
3300
25 x 40
2.92
532
155
152
22332E3
62332E3
4700
30 x 40
3.44
756
121
119
12472E3
52472E3
6800
30 x 50
4.18
1092
88
87
12682E3
52682E3
10 000
35 x 50
4.51
1604
74
73
12103E3
52103E3
100
1000
22 x 30
1.72
204
338
312
19102E3
59102E3
1200
22 x 35
1.98
244
282
261
29122E3
59122E3
1500
25 x 30
2.12
304
239
223
29152E3
69152E3
2200
25 x 40
2.77
444
164
154
29222E3
69222E3
2200
30 x 30
2.55
444
181
171
39222E3
79222E3
2700
30 x 35
2.94
544
148
140
29272E3
69272E3
3300
30 x 40
3.32
664
123
116
19332E3
59332E3
3300
35 x 30
2.84
664
147
140
29332E3
69332E3
4700
30 x 50
4.04
944
90
86
19472E3
59472E3
4700
35 x 40
3.67
944
102
98
29472E3
69472E3
6800
35 x 50
4.39
1364
76
73
19682E3
59682E3
8200
35 x 60
5.21
1644
63
61
19822E3
59822E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min
(µA)
MAX. ESR
100 Hz
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2156.......
2-TERM.
3-TERM.


Similar Part No. - MAL215637153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215637153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
   Aluminum Capacitors
Revision: 12-Jun-13
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com