Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215772561E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL215772561E3
Description  Aluminum Capacitors Power Ultra Miniature Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215772561E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL215772561E3 Datasheet HTML 1Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 2Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 3Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 4Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 5Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 6Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 7Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 8Page - Vishay Siliconix MAL215772561E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
157 PUM-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Miniature Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28338
46
Revision: 18-Aug-08
Note
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
450
56
22 x 25
0.68
0.25
1650
3300
1120
1880
57569E3
77569E3
68
22 x 30
0.80
0.30
1400
2800
920
1530
57689E3
77689E3
82
22 x 30
0.87
0.36
1200
2400
780
1290
47829E3
27829E3
82
25 x 25
0.85
0.36
1200
2400
780
1290
57829E3
77829E3
100
22 x 35
1.00
0.45
1000
2000
630
1050
37101E3
17101E3
100
25 x 30
1.02
0.45
1000
2000
630
1050
57101E3
77101E3
120
22 x 40
1.15
0.54
800
1600
530
885
47121E3
27121E3
120
25 x 30
1.09
0.54
800
1600
530
885
57121E3
77121E3
120
30 x 25
1.10
0.54
800
1600
530
885
67121E3
87121E3
150
25 x 40
1.35
0.67
650
1300
420
705
47151E3
27151E3
150
25 x 35
1.27
0.67
650
1300
420
705
67151E3
87151E3
150
30 x 30
1.32
0.67
650
1300
420
705
57151E3
77151E3
180
25 x 40
1.45
0.81
570
1150
360
605
47181E3
27181E3
180
30 x 35
1.49
0.81
570
1150
360
605
57181E3
77181E3
180
35 x 25
1.35
0.81
570
1150
360
605
67181E3
87181E3
220
25 x 50
1.73
0.99
450
900
315
525
47221E3
27221E3
220
30 x 40
1.72
0.99
450
900
315
525
57221E3
77221E3
220
35 x 30
1.61
0.99
450
900
315
525
67221E3
87221E3
270
30 x 45
1.95
1.21
380
770
270
450
37271E3
17271E3
270
35 x 35
1.86
1.21
380
770
270
450
67271E3
87271E3
330
30 x 50
2.19
1.48
300
600
230
390
47331E3
27331E3
330
35 x 40
2.10
1.48
300
600
230
390
57331E3
77331E3
390
35 x 45
2.34
1.75
250
500
190
340
47391E3
27391E3
470
35 x 50
2.60
2.11
210
420
170
290
57471E3
77471E3
680
35 x 60
3.15
3.06
150
300
110
200
57681E3
77681E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≥ 400 V versions
Us = 1.1 x UR
≤ 250 V versions
Us = 1.15 x UR
Reverse voltage
≤ 1V
Current
Leakage current
After 5 minutes at UR
IL5 ≤ 0.01 CR x UR
Inductance
Equivalent series inductance (ESL)
All case sizes
typ. 19 nH
max. 25 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85
°C
(A)
IL5
5min
(mA)
TYP. ESR
100 Hz (1)
(M
Ω)
MAX. ESR
100 Hz (1)
(M
Ω)
TYP. Z
10 kHz
(M
Ω)
MAX. Z
10 kHz
(M
Ω)
ORDERING
CODE
MAL2157.......
2-TERM.
3-TERM.


Similar Part No. - MAL215772561E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215772561E3 VISHAY-MAL215772561E3 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
More results

Similar Description - MAL215772561E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
057PSM-SI VISHAY-057PSM-SI Datasheet
144Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com