Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215379339E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215379339E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215379339E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215379339E3 Datasheet HTML 1Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 2Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 3Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 4Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 5Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 6Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 7Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 8Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 28388
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
53
153 CRV
Aluminum Capacitors
SMD (Chip) Long Life Vertical
Vishay BCcomponents
Note
Temperature measuring point on top of the case and terminals max. 2 runs with pause of 30 minutes in between
t
1
200
150
217
230
T
Peak
time (s)
T(°C)
t
2
t
3
t
4
Fig.4 Maximum temperature load during reflow soldering measured on capacitors soldering pad and top of the case
REFLOW SOLDERING CONDITIONS
PROFILE FEATURES
CASE CODE
0405 to 0605
CASE CODE
0807 to 1010
CASE CODE
1012 to 1014
≤ 63 V
CASE CODE
1012 to 1014
100 V
Max. time from 25
°C to T
peak
240 s
240 s
300 s
270 s
Max. ramp-up rate to 150
°C
3 K/s
3 K/s
3 K/s
3 K/s
Max. time from 150
°C to 200 °C (t1)
120 s
120 s
150 s
120 s
Ramp up rate from 200
°C to T
peak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time from 200 °C - 217
°C, (t2)
20 s
20 s
60 s
60 s
Max. time above TLiquidus (217 °C), (t3)
60 s
60 s
90 s
60 s
Max. time above 230 °C (t4)
30 s
20 s
40 s
30 s
Peak temperature Tpeak
250
°C
240
°C
250
°C
240
°C
Max. time above Tpeak minus 5 °C
5 s
5 s
5 s
10 s
Max. ramp-down rate from TLiquidus
6 K/s
6 K/s
6 K/s
6 K/s


Similar Part No. - MAL215379339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215360109E3 VISHAY-MAL215360109E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360221E3 VISHAY-MAL215360221E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360229E3 VISHAY-MAL215360229E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360339E3 VISHAY-MAL215360339E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360478E3 VISHAY-MAL215360478E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
More results

Similar Description - MAL215379339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com