Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215611103E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215611103E3
Description  Aluminum Capacitors Aluminum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215611103E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215611103E3 Datasheet HTML 1Page - Vishay Siliconix MAL215611103E3 Datasheet HTML 2Page - Vishay Siliconix MAL215611103E3 Datasheet HTML 3Page - Vishay Siliconix MAL215611103E3 Datasheet HTML 4Page - Vishay Siliconix MAL215611103E3 Datasheet HTML 5Page - Vishay Siliconix MAL215611103E3 Datasheet HTML 6Page - Vishay Siliconix MAL215611103E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28337
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
37
156 PUM-SI
Aluminum Capacitors
Power Ultra Miniature Snap-In
Vishay BCcomponents
Table 1
Note
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 156 series
1000 µF/25 V; ± 20 %
Nominal case size: Ø 25 x 40 mm
2-terminal snap-in:
3-terminal snap-in:
Table 2
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
(mm)
Lmax.
(mm)
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
22 x 25
23
27
≈ 12
100
260 x 250 x 39
22 x 30
23
32
≈ 16
100
260 x 250 x 44
22 x 35
23
37
≈ 20
100
260 x 250 x 49
22 x 40
23
42
≈ 23
100
260 x 250 x 54
22 x 50
23
52
≈ 29
100
260 x 250 x 64
25 x 25
26
27
≈ 20
100
290 x 280 x 39
25 x 30
26
32
≈ 22
100
290 x 280 x 44
25 x 35
26
37
≈ 24
100
290 x 280 x 49
25 x 40
26
42
≈ 27
100
290 x 280 x 54
30 x 30
31
32
≈ 30
100
340 x 330 x 44
30 x 35
31
37
≈ 35
100
340 x 330 x 49
30 x 40
31
42
≈ 42
100
340 x 330 x 54
30 x 50
31
52
≈ 52
100
340 x 330 x 64
35 x 30
36
32
≈ 40
50
390 x 198 x 44
35 x 40
36
42
≈ 55
50
390 x 198 x 54
35 x 50
36
52
≈ 72
50
390 x 198 x 64
35 x 60
36
62
≈ 84
50
390 x 198 x 74
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated rms ripple current at 100 Hz and 85 ×C
IL1
max. leakage current after 1 minute at ur
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 156 26123 E3
Former 12NC: 2222 156 26123
Ordering code: MAL2 156 66123 E3
Former 12NC: 2222 156 66123
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min
(µA)
MAX. ESR
100 Hz
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2156.......
2-TERM.
3-TERM.
16
10 000
25 x 30
3.93
324
49
33
25103E3
65103E3
15 000
25 x 40
4.98
484
36
26
35153E3
75153E3
18 000
30 x 30
4.12
580
53
33
35183E3
75183E3
22 000
30 x 35
4.71
708
44
29
25223E3
65223E3
39 000
35 x 40
5.17
1252
45
26
25393E3
65393E3
25
4700
22 x 25
2.37
239
100
90
16472E3
56472E3
5600
25 x 25
3.03
284
74
46
26562E3
66562E3
10 000
22 x 40
4.40
504
41
27
16103E3
56103E3
12 000
25 x 40
4.73
604
40
27
26123E3
66123E3
15 000
30 x 35
4.55
754
47
31
26153E3
66153E3
18 000
30 x 40
5.06
904
41
27
16183E3
56183E3
27 000
35 x 40
5.04
1354
47
27
26273E3
66273E3


Similar Part No. - MAL215611103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215611103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
   Aluminum Capacitors
Revision: 12-Jun-13
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com