Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212327229 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL212327229
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212327229 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL212327229 Datasheet HTML 1Page - Vishay Siliconix MAL212327229 Datasheet HTML 2Page - Vishay Siliconix MAL212327229 Datasheet HTML 3Page - Vishay Siliconix MAL212327229 Datasheet HTML 4Page - Vishay Siliconix MAL212327229 Datasheet HTML 5Page - Vishay Siliconix MAL212327229 Datasheet HTML 6Page - Vishay Siliconix MAL212327229 Datasheet HTML 7Page - Vishay Siliconix MAL212327229 Datasheet HTML 8Page - Vishay Siliconix MAL212327229 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 28355
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
251
Aluminum Capacitors
Solid Axial
123 SAL-A
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors, solid
electrolyte MnO2
• Axial leads, aluminum case, ceramic seal, blue
insulation sleeve
• SAL-A: standard version
• SAL-AG: epoxy filled shock-proof version up to 10 000 g
• Extremely long useful life: 20 000 hours at 125 °C
• Extended high temperature range up to 200 °C
• Excellent low temperature impedance and ESR behaviour
• Charge
and
discharge
proof,
application
with
0
Ω resistance allowed
• Reverse DC voltage up to 0.3 x U
R allowed
• AC voltage up to 0.8 x U
R allowed
• Advanced technology to achieve high reliability and high
stability
APPLICATIONS
• EDP, telecommunication, industrial high temperature,
automotive, military and space
• Smoothing, filtering, buffering, timing
• For power supplies, DC/DC converters
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M = ± 20 %, K = ± 10 %)
• Rated voltage (in V) at corresponding maximum
temperature
• Date code in accordance with IEC 60062
• Name of manufacturer
• Code for factory of origin
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number
* Pb containing terminations are not RoHS compliant, exemptions may apply
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Maximum case size
(Ø D x L in mm)
6.7 x 15.3 to 12.9 x 32.0
Rated capacitance range
(E6 series), CR
1.0 µF to 1500 µF
Tolerance on CR
± 20 %; ± 10 % on request
Rated voltage range, UR
6.3 V to 40 V
Category temperature range
- 55 °C to + 125 °C
Usable temperature range
- 80 °C to + 200 °C
Endurance test at 155 °C
and 125 °C
5000 hours and 8000 hours
Useful life at 125 °C
20 000 hours
Useful life at 40 °C, IR applied
450 000 hours
Shelf life at 0 V, 125 °C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/125/56
Fig.1 Component outline
128
SAL-RPM
radial
higher
CV/volume
175 TMP
175
°C
solid SMD
123
SAL-A
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - MAL212327229

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212327229

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com