Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215885393E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215885393E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215885393E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215885393E3 Datasheet HTML 1Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 2Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 3Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 4Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 5Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 6Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 7Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 8Page - Vishay Siliconix MAL215885393E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 28375
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
3
158 PUL-SI
Aluminum Capacitors
Power Ultra Long Life Snap-In
Vishay BCcomponents
Table 1
THREE TERMINAL SNAP-IN
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
22 x 25
23
27
≈ 12
100
260 x 250 x 39
22 x 30
23
32
≈ 16
100
260 x 250 x 44
22 x 35
23
37
≈ 20
100
260 x 250 x 49
22 x 40
23
42
≈ 23
100
260 x 250 x 54
25 x 30
26
32
≈ 22
100
290 x 280 x 44
25 x 35
26
37
≈ 24
100
290 x 280 x 49
25 x 40
26
42
≈ 27
100
290 x 280 x 54
25 x 50
26
52
≈ 38
100
290 x 280 x 64
30 x 30
31
32
≈ 30
100
340 x 330 x 44
30 x 35
31
37
≈ 35
100
340 x 330 x 49
30 x 40
31
42
≈ 40
100
340 x 330 x 54
30 x 50
31
52
≈ 50
100
340 x 330 x 64
35 x 35
36
37
≈ 48
50
390 x 198 x 49
35 x 40
36
42
≈ 55
50
390 x 198 x 54
35 x 45
36
47
≈ 63
50
390 x 198 x 59
35 x 50
36
52
≈ 72
50
390 x 198 x 64
Ø D
L + 2 max
L
4 ± 0.5
+ TERMINAL
- TERMINAL
minus pole
marking
Bottom view
Fig.4 Three terminal snap-in
The negative terminal has TWO pins which are BOTH electrically
connected.
Ø 2 ± 0.1
(2 x)
Ø 2.5
± 0.1
3.3
± 0.1
10
± 0.1
4.75 ± 0.1
The 10 mm spacing of the 2 pin snap-in is used as the base layout
and a third hole is added.
The third hole is closer to the negative primary hole so that
polarization is always maintained, together with added mechanical
stability.
Fig.5 Mounting hole diagram


Similar Part No. - MAL215885393E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215885393E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com