Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215722182E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215722182E3
Description  Aluminum Capacitors Power Ultra Miniature Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215722182E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215722182E3 Datasheet HTML 1Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 2Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 3Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 4Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 5Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 6Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 7Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 8Page - Vishay Siliconix MAL215722182E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
157 PUM-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Miniature Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28338
44
Revision: 18-Aug-08
Notes
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 157 series
1000 µF/200 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
2-terminal snap-in:
3-terminal snap-in:
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100/120 Hz
IR
rated RMS ripple current at 120 Hz, 85
°C
IL5
max. leakage current after 5 minutes at UR
ESR
typ./max. equivalent series resistance at 100 Hz (1)
Z
typ./max. impedance at 10 kHz
Ordering code: MAL2 157 52102 E3
Former 12NC: 2222 157 52102
Ordering code: MAL2 157 72102 E3
Former 12NC: 2222 157 72102
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85
°C
(A)
IL5
5min
(mA)
TYP. ESR
100 Hz (1)
(M
Ω)
MAX. ESR
100 Hz (1)
(M
Ω)
TYP. Z
10 kHz
(M
Ω)
MAX. Z
10 kHz
(M
Ω)
ORDERING
CODE
MAL2157.......
2-TERM.
3-TERM.
200
270
22 x 25
1.15
0.54
550
880
420
700
52271E3
72271E3
330
22 x 30
1.36
0.66
430
720
300
500
52331E3
72331E3
390
22 x 30
1.46
0.78
390
650
295
490
52391E3
72391E3
470
22 x 35
1.68
0.94
350
580
240
400
32471E3
12471E3
470
25 x 30
1.67
0.94
350
580
240
400
52471E3
72471E3
560
22 x 40
1.91
1.12
255
425
235
390
42561E3
22561E3
560
25 x 35
1.91
1.12
255
425
235
390
32561E3
12561E3
560
30 x 25
1.89
1.12
255
425
235
390
52561E3
72561E3
680
25 x 40
2.18
1.36
210
350
205
340
42681E3
22681E3
680
30 x 30
2.04
1.36
210
350
205
340
52681E3
72681E3
680
35 x 25
2.06
1.36
210
350
205
340
62681E3
82681E3
820
25 x 45
2.46
1.64
170
290
145
240
62821E3
82821E3
820
30 x 35
2.35
1.64
170
290
145
240
32821E3
12821E3
820
35 x 30
2.29
1.64
170
290
145
240
52821E3
72821E3
1000
30 x 40
2.66
2.00
140
235
135
225
52102E3
72102E3
1000
35 x 30
2.33
2.00
140
235
135
225
62102E3
82102E3
1200
30 x 45
2.98
2.40
120
200
110
190
32122E3
12122E3
1200
35 x 35
2.69
2.40
120
200
110
190
62122E3
82122E3
1500
30 x 50
3.31
3.00
110
180
95
155
42152E3
22152E3
1500
35 x 40
3.04
3.00
110
180
95
155
52152E3
72152E3
1800
35 x 45
3.36
3.60
100
160
80
130
42182E3
22182E3
2200
35 x 50
3.68
4.40
90
150
65
105
52222E3
72222E3
250
220
22 x 30
1.23
0.55
600
1080
420
700
53221E3
73221E3
270
22 x 30
1.32
0.67
490
880
335
560
43271E3
23271E3
270
25 x 25
1.23
0.67
490
880
335
560
53271E3
73271E3
330
22 x 35
1.53
0.82
400
720
255
430
33331E3
13331E3
330
25 x 30
1.56
0.82
400
720
255
430
53331E3
73331E3


Similar Part No. - MAL215722182E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215722182E3 VISHAY-MAL215722182E3 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
More results

Similar Description - MAL215722182E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
057PSM-SI VISHAY-057PSM-SI Datasheet
144Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com