Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212380228 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL212380228
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212380228 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL212380228 Datasheet HTML 1Page - Vishay Siliconix MAL212380228 Datasheet HTML 2Page - Vishay Siliconix MAL212380228 Datasheet HTML 3Page - Vishay Siliconix MAL212380228 Datasheet HTML 4Page - Vishay Siliconix MAL212380228 Datasheet HTML 5Page - Vishay Siliconix MAL212380228 Datasheet HTML 6Page - Vishay Siliconix MAL212380228 Datasheet HTML 7Page - Vishay Siliconix MAL212380228 Datasheet HTML 8Page - Vishay Siliconix MAL212380228 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors
Solid Axial
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355
252
Revision: 23-Jun-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
For epoxy-filled versions add 1 mm to stated Lmax.
Add 10 % for SAL-AG epoxy-filled versions.
Detailed tape dimensions see section ‘PACKAGING’.
SELECTION CHART FOR CR, UR AND RELEVANT MAXIMUM CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V) at Tamb =85°C
6.3
1016
253540
UC (V) at Tamb = 125 °C
6.3
1016
252525
1.0
-
-
-
-
6.7 x 15.3
-
1.5
-
-
-
-
6.7 x 15.3
-
2.2
-
-
-
-
6.7 x 15.3
6.7 x 15.3
3.3
-
-
-
-
6.7 x 15.3
6.7 x 15.3
4.7
-
-
-
-
6.7 x 15.3
6.7 x 15.3
6.8
-
-
-
-
6.7 x 15.3
6.7 x 15.3
10
-
-
6.7 x 15.3
6.7 x 15.3
7.6 x 20.4
7.6 x 20.4
15
-
-
6.7 x 15.3
6.7 x 15.3
7.6 x 20.4
7.6 x 20.4
22
-
-
6.7 x 15.3
7.6 x 20.4
7.6 x 20.4
9.4 x 23.3
33
-
6.7 x 15.3
7.6 x 20.4
7.6 x 20.4
9.4 x 23.3
9.4 x 23.3
47
6.7 x 15.3
6.7 x 15.3
7.6 x 20.4
7.6 x 20.4
9.4 x 23.3
10.3 x 32.0
68
6.7 x 15.3
7.6 x 20.4
7.6 x 20.4
9.4 x 23.3
10.3 x 32.0
10.3 x 32.0
100
-
7.6 x 20.4
9.4 x 23.3
9.4 x 23.3
12.9 x 32.0
12.9 x 32.0
150
7.6 x 20.4
9.4 x 23.3
9.4 x 23.3
10.3 x 32.0
12.9 x 32.0
-
220
-
9.4 x 23.3
10.3 x 32.0
12.9 x 32.0
-
-
330
9.4 x 23.3
10.3 x 32.0
10.3 x 32.0
12.9 x 32.0
-
-
470
-
10.3 x 32.0
12.9 x 32.0
-
-
-
680
10.3 x 32.0
12.9 x 32.0
12.9 x 32.0
-
-
-
1000
12.9 x 32.0
12.9 x 32.0
----
1500
12.9 x 32.0
-
----
Ø D
Ø d
Lmax.
F
73
BA: taped in box (ammopack)
BR: taped on reel
Fig.2 Forms: BA and BR
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
CASE
Fmax.
Ø d
MASS (2)
(g)
PACKAGING QUANTITIES
MAXIMUM SIZE
Ø D x L (1)
CODE
FORM
BA
FORM
BR
6.7 x 15.3
1
20.0
0.6
≈ 1.05
100
800
7.6 x 20.4
2A
22.5
0.6
≈ 1.55
100
800
9.4 x 23.3
4
25.0
0.6
≈ 2.6
100
500
10.3 x 32.0
5
35.0
0.8
≈ 4.2
100
500
12.9 x 32.0
6
35.0
0.8
≈ 7
100
400


Similar Part No. - MAL212380228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212380228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com