Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215922821E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215922821E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215922821E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215922821E3 Datasheet HTML 1Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 2Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 3Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 4Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 5Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 6Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 7Page - Vishay Siliconix MAL215922821E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28341
100
Revision: 14-Oct-08
159 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
DIMENSIONS in millimeters AND AVAILABLE FORMS
220
-
22 x 30
25 x 45
30 x 40
-
25 x 25
30 x 35
35 x 30
--
35 x 30-
270
-
22 x 35
25 x 50
30 x 45
-
25 x 30
30 x 40
35 x 35
-
30 x 25
35 x 30
-
330
22 x 30
22 x 40
30 x 45
30 x 50
-
25 x 30
35 x 35
35 x 40
-30 x 25
-
-
390
22 x 35
25 x 35
30 x 50
35 x 45
25 x 30
30 x 30
35 x 40
-
470
22 x 40
25 x 40
35 x 45
35 x 50
30 x 25
30 x 30
-
-
35 x 25
560
-
25 x 45
-
35 x 60
25 x 35
30 x 35
-
-
30 x 30
35 x 30
-
-
680
25 x 45
30 x 40
35 x 60
-
30 x 30
35 x 35
-
-
35 x 25
-
-
-
820
25 x 50
30 x 45
-
-
30 x 35
35 x 35
-
-
35 x 30
35 x 40
-
-
1000
30 x 45
35 x 40
-
-
35 x 35
35 x 45
-
-
1200
30 x 50
35 x 45
-
-
35 x 35
35 x 50
-
-
1500
35 x 45
-
-
-
1800
35 x 50
-
-
-
SELECTION CHART FOR CR , UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
450
Ø D
L + 2 max.
L
Bottom view
5.8
mm
+ 0
- 1
+ Terminal
- Terminal
The minus terminal can be marked with a black dot
or with an imprinted ‘-’ sign.
Fig.2 Two terminal snap-in
Fig.3 Mounting hole diagram
10
±0.1
Ø 2 ± 0.1 (2 x)
Fig.4 Two terminal snap-in
L
Bottom view
Minus pole
marking
Ø D
L + 2 max.
4 ± 0.5
+ Terminal
- Terminal
The negative terminal has TWO pins which are BOTH
electrcally connected
10
±0.1
3.3
± 0.1
4.75 ± 0.1
2.5 ± 0.1
2 ± 0.1 (2 x)
The 10 mm spacing of the 2 pin
snap-in is used as the base layout
and a third hole is added.
The third hole is closer to the
negative primary hole so that
polarization is always maintained,
together with added mechanical
stability.
Ø
Ø
Fig.5 Mounting hole diagram
TWO TERMINAL SNAP-IN
THREE TERMINAL SNAP-IN


Similar Part No. - MAL215922821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215922821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com