Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC0603ER39NJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILC0603ER39NJ
Description  Surface Mount, Multi Layer High Frequency Ceramic Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILC0603ER39NJ Datasheet(HTML) 1 Page - Vishay Siliconix

  ILC0603ER39NJ Datasheet HTML 1Page - Vishay Siliconix ILC0603ER39NJ Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 34145
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 11-Oct-07
91
ILC-0603
Vishay Dale
Surface Mount, Multi Layer High Frequency
Ceramic Inductor
FEATURES
• High reliability
• Surface mountable
• Reflow or wave solderable
• Tape and reel packaging per EIA specifications:
4000 pieces on 7" reel
• 100 % lead (Pb)-free and RoHS compliant
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 s dip in 235 °C solder
following 60 s preheat at 120 °C and type R flux dip
Resistance to Solder Heat: 10 s in 260 °C solder, after
preheat and flux above
Terminal Strength: 0.3 kg (0.66 lbs) for 30 s
Beam Strength: 0.3 kg (0.66 lbs)
Flex: 0.0788" [2.0 mm] minimum mounted on 0.063"
[1.6 mm] thick PC board
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 °C to + 125 °C
Thermal Shock: 100 cycles, - 40 °C to + 85 °C
Humidity: + 40 °C, 85 % RH, 1000 hat full rated current
Load Life: 85 °C for 1000 h full rated current
STANDARD ELECTRICAL SPECIFICATIONS
PART NUMBER
INDUCTANCE
(nH)
TOL.
Q
(MIN.)
TEST
FREQUENCY
(MHz)
Q (TYPICAL)
DCR
MAX.
(
Ω)
SRF (MHz)
MAX. RATED
CURRENT
(mA)
100 MHz 500 MHz 1000 MHz
MIN.
TYP
ILC0603ER1N0S
ILC0603ER1N2S
ILC0603ER1N5S
ILC0603ER1N8S
ILC0603ER2N2S
ILC0603ER2N7S
ILC0603ER3N3S
ILC0603ER3N9S
ILC0603ER4N7S
ILC0603ER5N6S
ILC0603ER6N8J
ILC0603ER8N2J
ILC0603ER10NJ
ILC0603ER12NJ
ILC0603ER15NJ
ILC0603ER18NJ
ILC0603ER22NJ
ILC0603ER27NJ
ILC0603ER33NJ
ILC0603ER39NJ
ILC0603ER47NJ
ILC0603ER56NJ
ILC0603ER68NJ
ILC0603ER82NJ
ILC0603ERR10J
ILC0603ERR12J
ILC0603ERR15J
ILC0603ERR18J
ILC0603ERR22J
ILC0603ERR27J
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 0.3 nH
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
± 5 %
8
8
8
8
8
10
10
10
10
10
10
10
12
12
12
12
12
12
12
12
12
12
12
12
12
8
8
8
8
8
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
50
50
50
50
15
14
11
10
14
12
16
11
11
15
15
13
15
12
15
15
17
15
15
14
17
19
17
16
16
17
19
18
18
19
43
38
28
24
35
29
40
25
26
36
38
31
34
27
30
28
34
31
28
31
31
34
30
29
24
21
20
13
-
-
63
55
40
35
40
45
47
35
35
46
47
41
47
49
36
31
36
30
24
28
28
26
20
18
3
-
-
-
-
-
0.05
0.05
0.10
0.10
0.10
0.10
0.12
0.14
0.16
0.18
0.22
0.24
0.26
0.28
0.32
0.35
0.40
0.45
0.55
0.60
0.70
0.75
0.85
0.95
1.00
1.20
1.20
1.30
1.50
1.60
10 000
10 000
6000
6000
6000
6000
4000
3500
3500
3500
3000
3000
2800
2000
2000
1800
1800
1500
1200
1100
900
900
700
600
600
500
500
400
400
350
15 000
14 000
13 000
11 000
10 000
7000
5900
4500
4500
4000
3600
3500
3000
2500
2200
2000
1900
1700
1500
1300
1300
1200
1000
1000
800
800
700
600
500
490
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
DIMENSIONS in inches [millimeters]
GLOBAL PART NUMBER
PRODUCT FAMILY
SIZE
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
ILC
06
0
3
ER
1
0
N
K
DESCRIPTION
ILC-0603
10 nH
± 10 %
ER
e3
MODEL
JEDEC LEAD (Pb)-FREE
STANDARD
PACKAGE
CODE
INDUCTANCE
TOLERANCE
INDUCTANCE
VALUE
RoHS
COMPLIANT
0.063 ± 0.006
[1.6 ± 0.15]
0.031 ± 0.006
[0.8 ± 0.15]
Ceramic
Body
0.031 ± 0.006
[0.8 ± 0.15]
0.012 ± 0.008
[0.3 ± 0.2]


Similar Part No. - ILC0603ER39NJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILC0603ER39NJ VISHAY-ILC0603ER39NJ Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC0603ER39NJ VISHAY-ILC0603ER39NJ Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC0603ER39NJ VISHAY-ILC0603ER39NJ Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
More results

Similar Description - ILC0603ER39NJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
logo
Dubilier
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com