Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195D105X_016C2T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 195D105X_016C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D105X_016C2T Datasheet(HTML) 3 Page - Vishay Siliconix

  195D105X_016C2T Datasheet HTML 1Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 2Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 3Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 4Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 5Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 6Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 7Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 8Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
195D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40011
112
Revision: 05-May-08
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER (1)
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
2.2
C
195D225X_6R3C2T
0.5
6
3.3
S
195D335X_6R3S2T
0.5
6
4.7
S
195D475X_6R3S2T
0.5
6
6.8
S
195D685X_6R3S2T
0.5
6
10
V
195D106X_6R3V2T
0.6
6
15
X
195D156X_6R3X2T
0.9
6
22
X
195D226X_6R3X2T
1.3
6
33
Y
195D336X_6R3Y2T
2.0
6
47
Y
195D476X_6R3Y2T
2.8
6
68
Z
195D686X_6R3Z2T
4.1
6
100
Z
195D107X_6R3Z2T
6.0
8
120
R
195D127X_6R3R2T
7.2
8
150
R
195D157X_6R3R2T
9.0
8
180
R
195D187X_6R3R2T
10.8
8
220
R
195D227X_6R3R2T
13.2
8
10 WVDC AT + 85 °C, SURGE = 13V . . . 7 WVDC AT + 125 °C, SURGE = 9 V
1
S
195D105X_010S2T
0.4
6
1.5
C
195D155X_010C2T
0.5
6
2.2
S
195D225X_010S2T
0.5
6
3.3
S
195D335X_010S2T
0.5
6
4.7
S
195D475X_010S2T
0.5
6
6.8
V
195D685X_010V2T
0.7
6
10
X
195D106X_010X2T
1.0
6
15
X
195D156X_010X2T
1.5
6
22
Y
195D226X_010Y2T
2.2
6
33
Z
195D336X_010Z2T
3.0
6
47
Z
195D476X_010Z2T
4.7
6
68
R
195D686X_010R2T
6.8
6
100
R
195D107X_010R2T
10
8
120
R
195D127X_010R2T
12
8
150
R
195D157X_010R2T
15
8
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
1.0
C
195D105X_016C2T
0.5
4
1.5
S
195D155X_016S2T
0.5
6
2.2
S
195D225X_016S2T
0.5
6
3.3
S
195D335X_016S2T
0.5
6
4.7
V
195D475X_016V2T
0.7
6
6.8
X
195D685X_016X2T
1.0
6
10
X
195D106X_016X2T
1.5
6
15
Y
195D156X_016Y2T
2.3
6
22
Y
195D226X_016Y2T
3.2
6
22
Z
195D226X_016Z2T
3.3
6
33
Z
195D336X_016Z2T
5.0
6
47
R
195D476X_016R2T
7.1
6
68
R
195D686X_016R2T
10.2
6
Note:
(1) For 10 % tolerance, specify “9“: for 20 % tolerance, change to “0“.


Similar Part No. - 195D105X_016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D105X-016C2T VISHAY-195D105X-016C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D105X_016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com