Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102PHR-ST Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 102PHR-ST
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

102PHR-ST Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 102PHR-ST_08 Datasheet HTML 2Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 3Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 4Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 5Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 6Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 7Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 8Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 9Page - Vishay Siliconix 102PHR-ST_08 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
101/102 PHR-ST
Aluminum Capacitors
Power High Ripple Current Screw Terminals
Vishay BCcomponents
Document Number: 28371
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
173
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 102 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min.
(mA)
ESR
max.
100 Hz
(m
Ω)
Z
max.
20 kHz
(m
Ω)
HIGH POST M5 DISC
HIGH CURRENT M6 DISC
ST
ORDERING
CODE
MAL2102.......
ST BOLT NUT
ORDERING
CODE
MAL2102.......
ST
ORDERING
CODE
MAL2102.......
ST BOLT NUT
ORDERING
CODE
MAL2102.......
200
680
35 x 60
3.5
0.27
207
136
12681E3
52681E3
-
-
1000
35 x 80
4.4
0.40
144
95
12102E3
52102E3
-
-
1000
35 x 105
4.7
0.40
140
91
22102E3
62102E3
-
-
1500
35 x 105
5.5
0.60
100
67
12152E3
52152E3
-
-
1500
50 x 80
6.2
0.60
106
74
22152E3
62152E3
-
-
2200
50 x 80
8.0
0.88
67
44
12222E3
52222E3
-
-
3300
50 x 80
8.9
1.32
50
35
12332E3
52332E3
-
-
3300
50 x 105
9.9
1.32
46
32
22332E3
62332E3
-
-
4700
65 x 105
12.5
1.88
37
26
22472E3
62472E3
42472E3
82472E3
6800
65 x 105
15.2
2.72
25
18
12682E3
52662E3
32682E3
72682E3
6800
76 x 105
16.9
2.72
25
18
22682E3
62662E3
42682E3
82682E3
10 000
76 x 105
19.9
4.00
18
13
12103E3
52103E3
32103E3
72103E3
10 000
76 x 146
20.4
4.00
18
13
22103E3
62103E3
42103E3
82103E3
15 000
76 x 146
24.1
6.00
12
9
12153E3
52153E3
32153E3
72153E3
22 000
76 x 220
29.5
8.8
9
7
12223E3
52223E3
32223E3
72223E3
22 000
90 x 146
34.1
8.8
8
6
-
-
42223E3
82223E3
33 000
90 x 220
41.7
13.2
6
5
-
-
42333E3
82333E3
250
470
35 x 60
3.1
0.24
250
152
13471E3
53471E3
-
-
680
35 x 80
3.8
0.34
175
107
13681E3
53681E3
-
-
1000
35 x 80
4.4
0.50
128
82
13102E3
53102E3
-
-
1000
35 x 105
4.8
0.50
122
76
23102E3
63102E3
-
-
1500
35 x 105
5.4
0.75
90
58
13152E3
53152E3
-
-
1500
50 x 80
7.0
0.75
81
50
23152E3
63152E3
-
-
2200
50 x 80
8.0
1.10
60
39
13222E3
53222E3
-
-
2200
50 x 105
8.7
1.10
57
35
23222E3
63222E3
-
-
3300
50 x 105
9.8
1.65
42
28
13332E3
53332E3
-
-
3300
65 x 105
11.4
1.65
42
28
23332E3
63332E3
43332E3
83332E3
4700
65 x 105
13.8
2.35
29
19
13472E3
53472E3
33472E3
73472E3
4700
76 x 105
15.3
2.35
29
19
23472E3
63472E3
43472E3
83472E3
6800
76 x 105
18.1
3.40
21
14
13682E3
53682E3
33682E3
73682E3
6800
76 x 146
18.6
3.40
21
14
23682E3
63682E3
43682E3
83682E3
10 000
76 x 105
19.3
5.00
17
12
13103E3
53103E3
33103E3
73103E3
10 000
76 x 146
22.0
5.00
15
10
23103E3
63103E3
43103E3
83103E3
15 000
76 x 146
23.3
7.5
12
10
13153E3
53153E3
33153E3
73153E3
22 000
76 x 220
29.1
11.0
9
7
13223E3
53223E3
33223E3
73223E3
22 000
90 x 146
35.3
11.0
7
5
-
-
43223E3
83223E3
33 000
90 x 220
43.2
16.5
5
5
-
-
43333E3
83333E3
350
330
35 x 60
2.5
0.23
435
305
15331E3
55331E3
-
-
470
35 x 80
3.1
0.33
308
216
25471E3
65471E3
-
-
680
35 x 105
3.8
0.48
216
152
25681E3
65681E3
-
-
1000
50 x 80
5.6
0.70
145
102
25102E3
65102E3
-
-
1500
50 x 80
6.5
1.05
102
74
15152E3
55152E3
-
-
1500
50 x 105
7.0
1.05
99
70
25152E3
65152E3
-
-
2200
50 x 105
8.0
1.54
72
52
15222E3
55222E3
-
-
2200
65 x 105
9.3
1.54
72
52
25222E3
65222E3
45222E3
85222E3
3300
65 x 105
11.4
2.31
48
35
25332E3
65332E3
45332E3
85332E3
4700
76 x 105
15.0
3.29
34
25
15472E3
55472E3
35472E3
75472E3
4700
76 x 146
15.4
3.29
34
25
25472E3
65472E3
45472E3
85472E3
6800
76 x 146
18.3
4.76
24
18
25682E3
65682E3
45682E3
85682E3
10 000
76 x 220
23.2
7.0
15
12
15103E3
55103E3
35103E3
75103E3
10 000
90 x 146
25.1
7.0
15
12
-
-
45103E3
85103E3
15 000
90 x 220
31.2
10.5
10
8
-
-
45153E3
85153E3


Similar Part No. - 102PHR-ST_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
102PHR-ST VISHAY-102PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
102PHR-ST VISHAY-102PHR-ST Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
102PHR-ST VISHAY-102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
More results

Similar Description - 102PHR-ST_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com