Electronic Components Datasheet Search |
|
MAL205655472E3 Datasheet(PDF) 10 Page - Vishay Siliconix |
|
MAL205655472E3 Datasheet(HTML) 10 Page - Vishay Siliconix |
10 / 11 page 056/057 PSM-SI Vishay BCcomponents Aluminum Capacitors Power Standard Miniature Snap-In www.vishay.com For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28340 10 Revision: 18-Aug-08 Table 4 Table 5 MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY FREQUENCY (Hz) IR MULTIPLIER UR =10to25V UR = 40 to 100 V UR > 100 V 50 0.93 0.91 0.86 100 1.00 1.00 1.00 200 1.04 1.05 1.13 400 1.07 1.09 1.21 1000 1.11 1.13 1.29 2000 1.13 1.15 1.32 4000 1.15 1.18 1.35 ≥ 10 000 1.18 1.22 1.40 TEST PROCEDURES AND REQUIREMENTS TEST PROCEDURE (quick reference) REQUIREMENTS NAME OF TEST REFERENCE Endurance IEC 60384-4/ EN130300 subclause 4.13 Tamb = 85 °C; UR applied; 5000 hours (450 V types: 2000 hours) UR ≤ 100 V; ΔC/C: ± 15 % UR > 100 V; ΔC/C: ± 10 % ESR ≤ 1.3 x spec. limit Z ≤ 2 x spec. limit IL5 ≤ spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 °C; UR and IR applied; 12 000 hours (450 V types: 5000 hours) UR ≤ 100 V; ΔC/C: ± 45 % UR > 100 V; ΔC/C: ± 30 % ESR ≤ 3 x spec. limit Z ≤ 3 x spec. limit IL5 ≤ spec. limit no short or open circuit, no visible damage total failure percentage: UR ≤ 100 V: ≤ 1 %; UR > 100 V: ≤ 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 °C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes 24 hours to 48 hours before measurement ΔC/C: ± 10 % ESR ≤ 1.2 x spec. limit IL5 ≤ 2 x spec. limit |
Similar Part No. - MAL205655472E3 |
|
Similar Description - MAL205655472E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |