Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400U Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 400U
Description  Standard Recovery Diodes (Stud Version), 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400U Datasheet(HTML) 1 Page - Vishay Siliconix

  400U Datasheet HTML 1Page - Vishay Siliconix 400U Datasheet HTML 2Page - Vishay Siliconix 400U Datasheet HTML 3Page - Vishay Siliconix 400U Datasheet HTML 4Page - Vishay Siliconix 400U Datasheet HTML 5Page - Vishay Siliconix 400U Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93510
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Jun-08
1
Standard Recovery Diodes
(Stud Version), 400 A
400U(R) Series
Vishay High Power Products
FEATURES
• Wide current range
• High surge current capabilities
• Stud cathode and stud anode version
• Standard JEDEC types
• RoHS compliant
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
400 A
DO-205AB (DO-9)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
400
A
TC
120
°C
IF(RMS)
630
A
IFSM
50 Hz
8250
A
60 Hz
8640
I2t
50 Hz
340
kA2s
60 Hz
311
VRRM
Range
800 to 1600
V
TJ
- 40 to 200
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
400U(R)
80
800
900
15
120
1200
1300
160
1600
1700


Similar Part No. - 400U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400U VISHAY-400U Datasheet
116Kb / 7P
   Standard Recovery Diodes
Revision: 23-Jun-08
logo
Naina Semiconductor ltd...
400U10 NAINA-400U10 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400U100 NAINA-400U100 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400U120 NAINA-400U120 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
Vishay Siliconix
400U120 VISHAY-400U120 Datasheet
116Kb / 7P
   Standard Recovery Diodes
Revision: 23-Jun-08
More results

Similar Description - 400U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 25-Nov-13
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com