Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFPS35N50LPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRFPS35N50LPBF
Description  IRFPS35N50L
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPS35N50LPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  IRFPS35N50LPBF Datasheet HTML 1Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 2Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 3Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 4Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 5Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 6Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 7Page - Vishay Siliconix IRFPS35N50LPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 91257
4
S-81368-Rev. A, 21-Jul-08
IRFPS35N50L, SiHFPS35N50L
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Output Capacitance Stored Energy
vs. VDS
Fig. 7 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Typical Source Drain Diode Forward Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
0
100
200
300
400
500
600
VDS, Drain-to-Source Voltage (V)
0
5
10
15
20
25
30
0
40
80
120
160
200
240
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
34A
V
= 100V
DS
V
= 250V
DS
V
= 400V
DS
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°


Similar Part No. - IRFPS35N50LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS35N50LPBF IRF-IRFPS35N50LPBF Datasheet
152Kb / 8P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com