Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400UR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 400UR
Description  Standard Recovery Diodes (Stud Version), 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400UR Datasheet(HTML) 4 Page - Vishay Siliconix

  400UR Datasheet HTML 1Page - Vishay Siliconix 400UR Datasheet HTML 2Page - Vishay Siliconix 400UR Datasheet HTML 3Page - Vishay Siliconix 400UR Datasheet HTML 4Page - Vishay Siliconix 400UR Datasheet HTML 5Page - Vishay Siliconix 400UR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93510
4
Revision: 23-Jun-08
400U(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 400 A
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
2000
3000
4000
5000
6000
7000
8000
110
100
400U/R
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 190°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Number Of Equal Amplitude Half Cycle Current Pulses (N)
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
400U/R
Initial Tj = 190°C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)
100
1000
10000
0.5
11.5
22.5
400U/R
Tj = 25°C
Tj = 190°C
Instantaneous Forward Voltage (V)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
400U/R
Steady State Value:
RthJC = 0.15 K/W
(DC Operation)
Square Wave Pulse Duration (s)


Similar Part No. - 400UR

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
400UR10 NAINA-400UR10 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400UR100 NAINA-400UR100 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400UR120 NAINA-400UR120 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
Vishay Siliconix
400UR120 VISHAY-400UR120 Datasheet
116Kb / 7P
   Standard Recovery Diodes
Revision: 23-Jun-08
logo
International Rectifier
400UR120D IRF-400UR120D Datasheet
98Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 400UR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 25-Nov-13
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com