Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFR120T-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHFR120T-E3
Description  IRFR120
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFR120T-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHFR120T-E3 Datasheet HTML 1Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 2Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 3Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 4Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 5Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 6Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 7Page - Vishay Siliconix SIHFR120T-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 91266
www.vishay.com
S-Pending-Rev. A, 21-Jul-08
3
IRFR120, IRFU120, SiHFR120, SiHFU120
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
7.7
A
Pulsed Diode Forward Currenta
ISM
--
31
Body Diode Voltage
VSD
TJ = 25 °C, IS = 7.7 A, VGS = 0 Vb
--
2.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 9.2 A, dI/dt = 100 A/µsb
-
130
260
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.65
1.3
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
D
G


Similar Part No. - SIHFR120T-E3

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SIHFR120T-E3 KERSEMI-SIHFR120T-E3 Datasheet
4Mb / 7P
   Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com