Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1035 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF1035
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF1035 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF1035 Datasheet HTML 1Page - Vishay Siliconix MBRF1035 Datasheet HTML 2Page - Vishay Siliconix MBRF1035 Datasheet HTML 3Page - Vishay Siliconix MBRF1035 Datasheet HTML 4Page - Vishay Siliconix MBRF1035 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR(F,B)1035 thru MBR(F,B)1060
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88669
Revision: 07-May-08
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR1035
MBR1045
MBR1050
MBR1060
UNIT
Maximum instantaneous
forward voltage (1)
IF = 10 A
IF = 10 A
IF = 20 A
IF = 20 A
TJ = 25 °C
TJ = 125 °C
TJ = 25 °C
TJ = 125 °C
VF
-
0.57
0.84
0.72
0.80
0.70
0.95
0.85
V
Maximum instantaneous
reverse current at rated DC
blocking voltage (1)
TJ = 25 °C
TJ = 125 °C
IR
0.10
15
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Maximum thermal resistance from junction to case
RθJC
2.0
4.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR1045-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF1045-E3/45
1.94
45
50/tube
Tube
TO-263AB
MBRB1045-E3/45
1.33
45
50/tube
Tube
TO-263AB
MBRB1045-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
MBR1045HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF1045HE3/45 (1)
1.94
45
50/tube
Tube
TO-263AB
MBRB1045HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
MBRB1045HE3/81 (1)
1.33
81
800/reel
Tape and reel
Figure 1. Forward Current Derating Curve
2
4
6
8
10
12
0
MBR1035 - MBR1045
MBR1050 - MBR1060
0
50
100
150
Case Temperature (°C)
Resistive or Inductive Load
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0.1
1
10
100
25
50
75
125
150
175
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - MBRF1035

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1035 GE-MBRF1035 Datasheet
105Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Kersemi Electronic Co.,...
MBRF1035 KERSEMI-MBRF1035 Datasheet
110Kb / 2P
   Isolated plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
GOOD-ARK Electronics
MBRF1035 GOOD-ARK-MBRF1035 Datasheet
255Kb / 3P
   Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF1035 KERSEMI-MBRF1035 Datasheet
110Kb / 2P
   Isolated plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
Taiwan Semiconductor Co...
MBRF1035 TSC-MBRF1035 Datasheet
83Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1035

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com