Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213658221E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL213658221E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213658221E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL213658221E3 Datasheet HTML 1Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 2Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 3Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 4Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 5Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 6Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 7Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 8Page - Vishay Siliconix MAL213658221E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28321
134
Revision: 21-Dec-07
136 RVI
Vishay BCcomponents
Aluminum Capacitors
Radial Very Low Impedance
25
180
10 x 12
630
45
0.14
120
240
56181E3
66181E3
36181E3
220
10 x 12
630
55
0.14
120
240
56221E3
66221E3
36221E3
330
10 x 16
830
83
0.14
84
170
56331E3
66331E3
36331E3
470
10 x 20
1000
120
0.14
62
130
56471E3
66471E3
36471E3
470
12.5 x 16
940
120
0.14
76
160
96475E3
96476E3
96473E3
560
10 x 25
1300
140
0.14
52
110
56561E3
66561E3
36561E3
820
10 x 30
1400
210
0.14
44
88
96825E3
96826E3
-
820
12.5 x 20
1300
210
0.14
46
92
56821E3
66821E3
36821E3
1000
12.5 x 25
1700
250
0.14
34
68
56102E3
66102E3
36102E3
1500
12.5 x 31
2000
380
0.14
30
60
96155E3
96156E3
-
1500
16 x 20
1700
380
0.14
38
76
56152E3
66152E3
36152E3
1800
16 x 25
2100
450
0.14
28
56
56182E3
66182E3
36182E3
2200
16 x 31
2400
550
0.16
25
50
56222E3
66222E3
36222E3
2200
18 x 20
1680
550
0.16
28
56
96225E3
96226E3
-
2700
16 x 31
2400
680
0.16
25
50
56272E3
66272E3
36272E3
3300
16 x 35
2600
830
0.18
22
44
56332E3
66332E3
-
3300
18 x 31
2490
830
0.18
27
54
96335E3
96336E3
-
4700
18 x 35
3000
1180
0.20
21
42
56472E3
66472E3
-
35
120
10 x 12
630
42
0.12
120
240
50121E3
60121E3
30121E3
150
10 x 12
630
53
0.12
120
240
50151E3
60151E3
30151E3
220
10 x 16
830
77
0.12
84
170
50221E3
60221E3
30221E3
330
10 x 20
1000
120
0.12
62
130
50331E3
60331E3
30331E3
330
12.5 x 16
940
120
0.12
76
160
90335E3
90336E3
90333E3
390
10 x 25
1300
140
0.12
52
110
50391E3
60391E3
30391E3
470
12.5 x 20
1300
170
0.12
48
96
50471E3
60471E3
30471E3
560
10 x 30
1400
200
0.12
44
88
90565E3
90566E3
-
560
12.5 x 20
1300
200
0.12
46
92
50561E3
60561E3
30561E3
680
12.5 x 25
1700
240
0.12
34
68
50681E3
60681E3
30681E3
1000
12.5 x 31
2000
350
0.12
30
60
90105E3
90106E3
-
1000
16 x 20
1700
350
0.12
38
76
50102E3
60102E3
30102E3
1200
16 x 25
2100
420
0.12
28
56
50122E3
60122E3
30122E3
1500
16 x 25
2100
530
0.12
28
56
50152E3
60152E3
30152E3
1800
16 x 31
2400
630
0.12
25
50
50182E3
60182E3
30182E3
2200
16 x 35
2600
770
0.14
22
44
50222E3
60222E3
-
2200
18 x 31
2320
770
0.14
27
54
90225E3
90226E3
-
3300
18 x 35
2890
1160
0.16
21
42
50332E3
60332E3
-
50
82
10 x 12
480
41
0.10
200
400
51829E3
61829E3
31829E3
100
10 x 12
480
50
0.10
200
400
51101E3
61101E3
31101E3
120
10 x 16
760
60
0.10
100
200
51121E3
61121E3
31121E3
150
10 x 20
850
75
0.10
90
180
51151E3
61151E3
31151E3
180
10 x 20
950
90
0.10
75
150
51181E3
61181E3
31181E3
180
12.5 x 16
780
90
0.10
59
120
91185E3
91186E3
91183E3
220
10 x 25
1200
110
0.10
63
130
51221E3
61221E3
31221E3
330
10 x 30
1300
170
0.10
54
110
91335E3
91336E3
-
330
12.5 x 20
1200
170
0.10
59
120
51331E3
61331E3
31331E3
470
12.5 x 25
1500
240
0.10
44
88
51471E3
61471E3
31471E3
560
12.5 x 31
1700
280
0.10
39
78
51561E3
61561E3
-
680
16 x 20
1400
340
0.10
50
100
51681E3
61681E3
31681E3
820
16 x 25
1900
410
0.10
34
68
51821E3
61821E3
31821E3
1000
16 x 31
2200
500
0.10
30
60
51102E3
61102E3
31102E3
1000
18 x 20
1510
500
0.10
41
82
91105E3
91106E3
-
1200
16 x 35
2300
600
0.10
27
54
51122E3
61122E3
-
1500
18 x 31
2200
750
0.10
31
62
51152E3
61152E3
-
2200
18 x 35
2650
1100
0.12
27
54
51222E3
61222E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
+ 20 °C
(m
Ω)
Z
100 kHz
- 10 °C
(m
Ω)
ORDERING CODE
MAL2136.......
BULK PACKAGING
TAPED
FORM
CA
FORM
CB
FORM
TFA


Similar Part No. - MAL213658221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213658221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com