Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D107X5010E2TE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 593D107X5010E2TE3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X5010E2TE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  593D107X5010E2TE3 Datasheet HTML 1Page - Vishay Siliconix 593D107X5010E2TE3 Datasheet HTML 2Page - Vishay Siliconix 593D107X5010E2TE3 Datasheet HTML 3Page - Vishay Siliconix 593D107X5010E2TE3 Datasheet HTML 4Page - Vishay Siliconix 593D107X5010E2TE3 Datasheet HTML 5Page - Vishay Siliconix 593D107X5010E2TE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 20-Oct-08
5
593D
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® , Molded Case, Low ESR
Vishay Sprague
Notes:
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
1.0
A
593D105(1)025A2(2)
0.5
4
4.000
0.14
1.5
A
593D155(1)025A2(2)
0.5
6
4.000
0.14
2.2
A
593D225(1)025A2(2)
0.5
6
4.000
0.14
2.2
B
593D225(1)025B2(2)
0.6
6
1.500
0.24
3.3
B
593D335(1)025B2(2)
0.8
6
1.500
0.24
4.7
B
593D475(1)025B2(2)
1.2
6
1.500
0.24
4.7
C
593D475(1)025C2(2)
1.2
6
0.525
0.46
6.8
C
593D685(1)025C2(2)
1.7
6
0.500
0.47
10
C
593D106(1)025C2(2)
2.5
6
0.450
0.49
15
C
593D156(1)025C2(2)
3.8
6
0.425
0.51
15
D
593D156(1)025D2(2)
3.8
6
0.250
0.77
22
D
593D226(1)025D2(2)
5.5
6
0.200
0.87
33
D
593D336(1)025D2(2)
8.3
6
0.200
0.87
33
E
593D336(1)025E2(2)
8.3
6
0.200
0.91
47
E
593D476(1)025E2(2)
11.8
6
0.200
0.91
35 VDC AT + 85 °C, 23 VDC AT + 125 °C
0.47
A
593D474(1)035A2(2)
0.5
4
4.000
0.14
0.68
A
593D684(1)035A2(2)
0.5
4
4.000
0.14
1.0
A
593D105(1)035A2(2)
0.5
4
4.000
0.14
1.0
B
593D105(1)035B2(2)
0.5
4
2.000
0.21
1.5
B
593D155(1)035B2(2)
0.5
6
2.000
0.21
1.5
C
593D155(1)035C2(2)
0.5
6
0.900
0.35
2.2
B
593D225(1)035B2(2)
0.8
6
2.000
0.21
2.2
C
593D225(1)035C2(2)
0.8
6
0.900
0.40
3.3
C
593D335(1)035C2(2)
1.2
6
0.700
0.45
4.7
C
593D475(1)035C2(2)
1.6
6
0.500
0.47
6.8
C
593D685(1)035C2(2)
2.4
6
0.475
0.48
6.8
D
593D685(1)035D2(2)
2.4
6
0.300
0.71
10
C
593D106(1)035C2(2)
3.5
6
0.450
0.49
10
D
593D106(1)035D2(2)
3.5
6
0.300
0.71
15
D
593D156(1)035D2(2)
5.3
6
0.300
0.71
15
E
593D156(1)035E2(2)
5.3
6
0.300
0.74
22
D
593D226(1)035D2(2)
7.7
6
0.300
0.71
22
E
593D226(1)035E2(2)
7.7
6
0.275
0.77
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
1.0
B
593D105(1)050B2(2)
0.5
4
2.000
0.21
1.0
C
593D105(1)050C2(2)
0.5
4
1.600
0.26
1.5
B
593D155(1)050B2(2)
0.8
6
2.000
0.21
1.5
C
593D155(1)050C2(2)
0.8
6
1.500
0.27
2.2
C
593D225(1)050C2(2)
1.1
6
1.500
0.27
2.2
D
593D225(1)050D2(2)
1.1
6
0.800
0.43
3.3
C
593D335(1)050C2(2)
1.7
6
1.500
0.27
3.3
D
593D335(1)050D2(2)
1.7
6
0.800
0.43
4.7
D
593D475(1)050D2(2)
2.4
6
0.600
0.50
4.7
E
593D475(1)050E2(2)
1.9
6
0.600
0.50
6.8
D
593D685(1)050D2(2)
3.4
6
0.600
0.50
6.8
E
593D685(1)050E2(2)
3.4
6
0.550
0.55
10
E
593D106(1)050E2(2)
5.0
6
0.550
0.55


Similar Part No. - 593D107X5010E2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X5010C VISHAY-593D107X5010C Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X5010D VISHAY-593D107X5010D Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X5010D2DE3 VISHAY-593D107X5010D2DE3 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D107X5010D2RE3 VISHAY-593D107X5010D2RE3 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D107X5010D2T VISHAY-593D107X5010D2T Datasheet
148Kb / 11P
   Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Revision 01-Mar-04
More results

Similar Description - 593D107X5010E2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com