Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213658102E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL213658102E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213658102E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL213658102E3 Datasheet HTML 3Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 4Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 5Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 6Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 7Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 8Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 9Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 10Page - Vishay Siliconix MAL213658102E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document Number: 28321
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 21-Dec-07
137
136 RVI
Aluminum Capacitors
Radial Very Low Impedance
Vishay BCcomponents
IMPEDANCE (Z)
Fig.9 Typical multiplier of impedance as a function
of ambient temperature
020
-40
-20
40
60
80
100
Tamb (°C)
-60
102
10
120
Z
1
10-1
Z0
3
2
1
Curve 1: 10 V
Curve 2: 50 V
Curve 3: 63 V
Z0 = typical impedance at 20 °C, 100 kHz
105
104
103
102
10
102
10
1
f (Hz)
Z
(W)
10-1
10-2
5
6
4
3
2
1
Fig.10 Typical impedance as a function of frequency
UR = 10 and 16 V
Curve 1: 470 µF, 16 V;
∅10 × 16 mm
Curve 2: 680 µF, 10 V;
∅10 × 16 mm
Curve 3: 1000 µF, 10 V;
∅10 × 20 mm
Curve 4: 2200 µF, 10 V;
∅12.5 × 25 mm
Curve 5: 4700 µF, 16 V;
∅16 × 35 mm
Curve 6: 10000 µF, 10 V;
∅18 × 35 mm
Tamb =20 °C
Fig.11 Typical impedance as a function of frequency
105
104
103
102
10
102
10
1
f (Hz)
Z
(W)
10 1
10 2
1
2
3
4
6
7
8
9
5
UR = 25 and 35 V
Curve 1: 220 µF, 25 V; Ø 10
× 12 mm
Curve 2: 220 µF, 35 V; Ø 10
× 16 mm
Curve 3: 330 µF, 35 V; Ø 10
× 20 mm
Curve 4: 470 µF, 25 V; Ø 10
× 20 mm
Curve 5: 470 µF, 35 V; Ø 12.5
× 20 mm
Curve 6: 1000 µF, 25 V; Ø 12.5
× 25 mm
Curve 7: 1200 µF, 35 V; Ø 16
× 25 mm
Curve 8: 2200 µF, 35 V; Ø 16
× 35 mm
Curve 9: 3300 µF, 25 V; Ø 16
× 35 mm
Tamb =20 °C
Fig.12 Typical impedance as a function of frequency
UR = 50 V
Curve 1: 100 µF, 50 V; Ø 10
× 12 mm
Curve 2: 470 µF, 50 V; Ø 12.5
× 25 mm
Curve 3: 680 µF, 50 V; Ø 16
× 20 mm
Curve 4: 1000 µF, 50 V; Ø 16
× 31 mm
Curve 5: 2200 µF, 50 V; Ø 18
× 35 mm
105
104
103
102
10
102
10
1
f (Hz)
Z
(W)
10-1
10-2
1
2
3
4
5
Tamb =20 °C


Similar Part No. - MAL213658102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213658102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com