Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D337X_004D2_20H Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 592D337X_004D2_20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D337X_004D2_20H Datasheet(HTML) 7 Page - Vishay Siliconix

  592D337X_004D2_20H Datasheet HTML 1Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 2Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 3Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 4Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 5Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 6Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 7Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 8Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Aug-08
95
592D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile,
Conformal Coated, Maximum CV
Vishay Sprague
CASE CODE/PART NUMBER X-REF
OLD
NEW
A2_
A2_15H
B2_
B2_15H
C2_
C2_15H
D2_
D2_15H
R2_
R2_15H
S2_
S2_13H
T2_
B2_20H
U2_
C2_20H
V2_
D2_20H
W2_
R2_20H
X2_
X2_20H
Y2_
X2_25H
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
“A” Case
1000
100
10
1
0.1
IMPEDANCE
ESR
1 µF, 35 V
15 µF, 6.3 V
FREQUENCY (kHz)
0.1
1
10
100
1000
“B” Case
1000
100
10
1
0.1
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
1000
10 µF, 10 V
4.7 µF, 20 V
“C” Case
1000
100
10
1
0.1
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
1000
4.7 µF, 25 V
33 µF, 6.3 V
“D” Case
100
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
1000
47 µF, 6.3 V
6.8 µF, 25 V


Similar Part No. - 592D337X_004D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D337X-004D2-20H VISHAY-592D337X-004D2-20H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
More results

Similar Description - 592D337X_004D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com