Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D337X_004D2_20H Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 592D337X_004D2_20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D337X_004D2_20H Datasheet(HTML) 4 Page - Vishay Siliconix

  592D337X_004D2_20H Datasheet HTML 1Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 2Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 3Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 4Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 5Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 6Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 7Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 8Page - Vishay Siliconix 592D337X_004D2_20H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
592D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile,
Conformal Coated, Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40004
92
Revision: 22-Aug-08
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to “0”.
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
47
B
592D476X_6R3B2_12H
3.0
8
1.40
0.24
47
C
592D476X_6R3C2_15H
3.0
6
0.40
0.50
47
D
592D476X_6R3D2_15H
3.0
6
0.30
0.65
68
B
592D686X_6R3B2_20H
4.3
6
0.50
0.40
68
B
592D686X_6R3B2_13H
4.3
8
0.60
0.36
68
C
592D686X_6R3C2_14H
3.87
6
0.38
0.46
68
C
592D686X_6R3C2_15H
4.3
6
0.38
0.51
68
D
592D686X_6R3D2_15H
4.3
6
0.27
0.68
68
R
592D686X_6R3R2_15H
4.3
6
0.20
0.87
100
B
592D107X_6R3B2_15H
4.3
6
1.00
0.28
100
B
592D107X_6R3B2_20H
6.3
8
0.45
0.42
100
C
592D107X_6R3C2_15H
6.3
8
0.38
0.51
100
C
592D107X_6W3C2_15H
6.3
8
0.38
0.51
100
D
592D107X_6R3D2_15H
6.3
8
0.26
0.69
100
R
592D107X_6R3R2_15H
6.3
8
0.20
0.87
100
R
592D107X_6W3R2_15H
6.3
8
0.20
0.87
120
C
592D127X_6R3C2_20H
6.50
8
0.20
0.74
150
C
592D157X_6R3C2_20H
9.5
8
0.19
0.76
150
D
592D157X_6R3D2_15H
9.5
8
0.25
0.71
150
R
592D157X_6W3R2_15H
9.5
8
0.20
0.87
150
R
592D157X_6R3R2_15H
9.5
8
0.20
0.87
220
C
592D227X_6R3C2_18H
13.9
8
0.15
0.86
220
C
592D227X_6R3C2_20H
13.9
8
0.15
0.86
220
C
592D227X_6W3C2_20H
13.9
8
0.15
0.86
220
D
592D227X_6R3D2_15H
13.9
8
0.22
0.75
220
D
592D227X_6R3D2_20H
13.9
8
0.12
1.08
220
R
592D227X_6R3R2_15H
13.9
8
0.18
0.91
330
C
592D337X_6R3C2_20H
20.8
8
0.10
1.05
330
D
592D337X_6R3D2_16H
20.8
8
0.12
1.02
330
D
592D337X_6R3D2_20H
20.8
8
0.10
1.18
330
D
592D337X_6W3D2_20H
20.8
8
0.10
1.18
330
D
592D337X_6R3D2_19H
20.8
8
0.10
1.18
330
R
592D337X_6R3R2_15H
20.8
8
0.18
0.91
330
R
592D337X_6R3R2_20H
20.8
8
0.10
1.32
470
C
592D477X_6R3C2_20H
29.6
14
0.10
1.05
470
C
592D477X_6R3C2_16H
29.6
14
0.20
0.71
470
D
592D477X_6R3D2_20H
29.6
10
0.10
1.18
470
R
592D477X_6R3R2_20H
29.6
10
0.10
1.32
470
R
592D477X_6W3R2_20H
29.6
10
0.10
1.32
470
R
592D477X_6R3R2_16H
29.6
10
0.12
1.32
680
R
592D687X_6R3R2_20H
42.8
10
0.10
1.87
680
R
592D687X_6R3R2_16H
42.8
10
0.10
1.87
1000
R
592D108X_6R3R2_20H
63
20
0.20
0.94
1000
X
592D108X_6R3X2_20H
63
16
0.04
2.10
1000
X
592D108X_6R3X2_18H
63
16
0.04
2.10
1500
R
592D158X06R3R2_20H
95
33
0.12
1.21
1500
X
592D158X_6R3X2_16H
95
25
0.045
1.97
1500
X
592D158X_6R3X2_25H
95
20
0.035
2.30
1500
X
592D158X_6W3X2_25H
95
20
0.035
2.30
1500
X
592D158X_6R3X2_20H
95
25
0.045
1.97
2200
X
592D228X_6R3X2_20H
139
35
0.055
1.80
2200
X
592D228X_6R3X2_22H
139
35
0.055
1.80


Similar Part No. - 592D337X_004D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D337X-004D2-20H VISHAY-592D337X-004D2-20H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
More results

Similar Description - 592D337X_004D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com