Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB4045CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB4045CT
Description  Schottky Rectifier, 2 x 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB4045CT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB4045CT Datasheet HTML 1Page - Vishay Siliconix MBRB4045CT Datasheet HTML 2Page - Vishay Siliconix MBRB4045CT Datasheet HTML 3Page - Vishay Siliconix MBRB4045CT Datasheet HTML 4Page - Vishay Siliconix MBRB4045CT Datasheet HTML 5Page - Vishay Siliconix MBRB4045CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93981
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
1
Schottky Rectifier, 2 x 20 A
MBRB4045CT/MBR4045CT-1
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Center tap TO-220, D2PAK and TO-262 packages
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
The center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 20 A
VR
45 V
IRM
95 mA at 125 °C
MBRB4045CT
Base
common
cathode
D2PAK
TO-262
MBR4045CT-1
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
40
A
IFRM
TC = 118 °C (per leg)
40
VRRM
45
V
IFSM
tp = 5 µs sine
900
A
VF
20 Apk, TJ = 125 °C
0.58
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB4045CT
MBR4045CT-1
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 118 °C, rated VR
20
A
per device
40
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 118 °C
40
Maximum peak one cycle non-repetitive
peak surge current per leg
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
900
10 ms sine or 6 ms rect. pulse
210
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 3 A, L = 4.4 mH
20
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3A


Similar Part No. - MBRB4045CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRB4045CT IRF-MBRB4045CT Datasheet
175Kb / 8P
   SCHOTTKY RECTIFIER
logo
First Silicon Co., Ltd
MBRB4045CT FS-MBRB4045CT Datasheet
406Kb / 6P
   Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
logo
SUNMATE electronic Co.,...
MBRB4045CT SUNMATE-MBRB4045CT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBRB4045CT-1P VISHAY-MBRB4045CT-1P Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 16-Mar-10
MBRB4045CT-1PBF VISHAY-MBRB4045CT-1PBF Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 16-Mar-10
More results

Similar Description - MBRB4045CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com