Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP67W Datasheet(PDF) 9 Page - Vishay Siliconix

Part # BFP67W
Description  Silicon NPN Planar RF Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP67W Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button BFP67W Datasheet HTML 5Page - Vishay Siliconix BFP67W Datasheet HTML 6Page - Vishay Siliconix BFP67W Datasheet HTML 7Page - Vishay Siliconix BFP67W Datasheet HTML 8Page - Vishay Siliconix BFP67W Datasheet HTML 9Page - Vishay Siliconix BFP67W Datasheet HTML 10Page - Vishay Siliconix BFP67W Datasheet HTML 11Page - Vishay Siliconix BFP67W Datasheet HTML 12Page - Vishay Siliconix BFP67W Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BFP67 / BFP67R / BFP67W
Document Number 85017
Rev. 1.6, 05-Sep-08
Vishay Semiconductors
www.vishay.com
9
VCE = 8 V, IC = 15 mA, Z0 = 50 Ω
S11
S12
S21
S22
Figure 5. Input Reflection Coefficient
Figure 6. Reverse Transmission Coefficient
12974
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
2
5
3.0 GHz
0.5
1.0
0.1
0.3
2.0
12975
90 °
180 °
–90 °
0.08
0.16
–150 °
–120 °
–60 °
–30 °
120 °
150 °
60 °
30 °
3.0 GHz
1.0
0.1
2.0
Figure 7. Forward Transmission Coefficient
Figure 8. Output Reflection Coefficient
12976
90 °
180 °
–90 °
12
24
–150 °
–120 °
–60 °
–30 °
120 °
60 °
30 °
3.0 GHz
1.0
0.1
0.3
12977
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
2
5
3.0 GHz
1.0
0.1
0.3


Similar Part No. - BFP67W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP67W VISHAY-BFP67W Datasheet
208Kb / 13P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
More results

Similar Description - BFP67W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com