Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ67 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFQ67
Description  Silicon NPN Planar RF Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFQ67 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFQ67 Datasheet HTML 1Page - Vishay Siliconix BFQ67 Datasheet HTML 2Page - Vishay Siliconix BFQ67 Datasheet HTML 3Page - Vishay Siliconix BFQ67 Datasheet HTML 4Page - Vishay Siliconix BFQ67 Datasheet HTML 5Page - Vishay Siliconix BFQ67 Datasheet HTML 6Page - Vishay Siliconix BFQ67 Datasheet HTML 7Page - Vishay Siliconix BFQ67 Datasheet HTML 8Page - Vishay Siliconix BFQ67 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BFQ67 / BFQ67R / BFQ67W
Document Number 85022
Rev. 1.6, 08-Sep-08
Vishay Semiconductors
www.vishay.com
3
Common Emitter S-Parameters
Z0 = 50 Ω, Tamb = 25 °C, unless otherwise specified
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
5
2
100
0.894
-20.6
6.78
163.0
0.027
77.1
0.967
-8.7
300
0.749
-56.2
5.61
136.2
0.066
59.2
0.834
-20.8
500
0.610
-83.8
4.50
117.7
0.086
50.0
0.716
-25.9
800
0.486
-116.2
3.36
98.8
0.102
46.3
0.623
-28.6
1000
0.445
-132.4
2.87
90.2
0.109
46.9
0.590
-30.1
1200
0.419
-147.3
2.50
81.9
0.115
48.7
0.568
-31.8
1500
0.402
-166.6
2.12
71.7
0.126
53.1
0.546
-35.0
1800
0.403
177.0
1.83
62.8
0.142
58.1
0.531
-38.8
2000
0.411
167.0
1.69
58.0
0.156
60.8
0.524
-41.9
2200
0.423
158.5
1.59
53.0
0.173
63.2
0.516
-45.1
2500
0.445
146.1
1.45
45.8
0.202
65.2
0.511
-51.7
2800
0.464
137.1
1.34
39.1
0.232
65.5
0.490
-59.1
3000
0.490
130.5
1.27
34.7
0.255
64.7
0.471
-64.8
5
5
100
0.760
-32.1
14.10
154.1
0.024
72.7
0.912
-15.2
300
0.522
-79.0
9.62
121.5
0.052
58.5
0.663
-27.9
500
0.390
-108.5
6.72
104.7
0.067
57.0
0.538
-28.1
800
0.311
-139.1
4.56
89.9
0.088
60.0
0.473
-26.3
1000
0.292
-153.5
3.77
83.1
0.103
62.1
0.459
-26.4
1200
0.282
-166.5
3.21
76.7
0.119
63.6
0.450
-27.4
1500
0.287
178.0
2.67
68.3
0.143
64.7
0.438
-30.4
1800
0.298
164.0
2.29
60.9
0.169
65.5
0.428
-34.2
2000
0.313
157.1
2.10
56.6
0.189
65.2
0.423
-37.1
2200
0.328
149.6
1.96
52.5
0.209
64.8
0.415
-40.2
2500
0.353
140.6
1.79
46.4
0.239
63.5
0.406
-46.8
2800
0.379
133.2
1.65
39.4
0.267
61.5
0.380
-53.8
3000
0.400
127.4
1.55
35.4
0.286
59.8
0.358
-58.9
5
10
100
0.594
-46.3
22.01
144.4
0.021
69.8
0.829
-21.7
300
0.346
-101.6
12.12
110.8
0.043
63.5
0.524
-29.9
500
0.264
-130.9
7.86
97.1
0.060
66.0
0.431
-25.7
800
0.230
-158.2
5.13
85.1
0.088
69.0
0.399
-21.9
1000
0.224
-169.5
4.21
79.5
0.107
69.7
0.396
-21.8
1200
0.225
179.8
3.56
73.9
0.126
69.6
0.393
-23.3
1500
0.235
166.8
2.94
66.8
0.154
68.6
0.387
-26.6
1800
0.251
156.9
2.51
59.9
0.184
67.6
0.379
-30.7
2000
0.270
150.2
2.30
56.0
0.206
66.2
0.374
-33.7
2200
0.287
144.1
2.14
52.1
0.226
65.1
0.366
-36.9
2500
0.310
136.4
1.95
46.2
0.256
62.6
0.354
-43.6
2800
0.342
131.0
1.79
39.9
0.284
60.1
0.325
-50.5
3000
0.362
125.6
1.68
35.9
0.302
57.8
0.301
-55.3
5
15
100
0.477
-56.7
26.58
138.3
0.019
69.7
0.7681
-25.3


Similar Part No. - BFQ67

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ67 PHILIPS-BFQ67 Datasheet
103Kb / 12P
   NPN 8 GHz wideband transistor
1998 Aug 27
logo
Vishay Siliconix
BFQ67 VISHAY-BFQ67 Datasheet
185Kb / 12P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
logo
NXP Semiconductors
BFQ67 NXP-BFQ67 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Vishay Siliconix
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
BFQ67R VISHAY-BFQ67R Datasheet
185Kb / 12P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
More results

Similar Description - BFQ67

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com