Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1544CPWG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544CPWG4
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CPWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV1544CPWG4 Datasheet HTML 6Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 7Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 8Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 9Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 10Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 11Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 12Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 13Page - Texas Instruments TLV1544CPWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tACQ
Aa
Ab
Ab
Ac
Ad
XDa
Db
Db
Dc
CS
CSTART
DATA IN
EOC
DATA OUT
Async Flag
Read Out
Cycle
Read Out
Cycle
Read Out
Cycle
FS
(DSP Mode)
Complete Extended
Sample Cycle
tACQ
NOTES: A. Aa = Address for input channel a.
B. Da = Conversion result from channel a.
Hi–Z
Hi–Z
Hi–Z
Hi–Z
Hi–Z
Hi–Z
Normal
Cycle
Normal
Cycle
Extended
Sample
Cycle
Extended
Sample
Cycle
Figure 2. Extended Sampling Operation
reference voltage inputs
There are two reference inputs used with the TLV1544/TLV1548, REF+ and REF–. These voltage values
establish the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading
respectively. The values of REF+, REF–, and the analog input should not exceed the positive supply or be lower
than GND consistent with the specified absolute maximum ratings. The digital output is at full scale when the
input signal is equal to or higher than REF+ and is at zero when the input signal is equal to or lower than REF–.
programmable conversion rate
The TLV1544/TLV1548 offers two conversion rates to maximize battery life when high-speed operation is not
necessary. The conversion rate is programmable. Once the conversion rate has been selected, it takes effect
immediately in the same cycle and stays at the same rate until the other rate is chosen. The conversion rate
should be set at power up. Activation and deactivation of the power-down state (digital logic active) has no effect
on the preset conversion rate.


Similar Part No. - TLV1544CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544CPW TI-TLV1544CPW Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
More results

Similar Description - TLV1544CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com