Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1544IDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544IDR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544IDR Datasheet(HTML) 2 Page - Texas Instruments

  TLV1544IDR Datasheet HTML 1Page - Texas Instruments TLV1544IDR Datasheet HTML 2Page - Texas Instruments TLV1544IDR Datasheet HTML 3Page - Texas Instruments TLV1544IDR Datasheet HTML 4Page - Texas Instruments TLV1544IDR Datasheet HTML 5Page - Texas Instruments TLV1544IDR Datasheet HTML 6Page - Texas Instruments TLV1544IDR Datasheet HTML 7Page - Texas Instruments TLV1544IDR Datasheet HTML 8Page - Texas Instruments TLV1544IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TLV1544 has four analog input channels while the TLV1548 has eight analog input channels. The
TLV1544C and TLV1548C are characterized for operation from 0
°C to 70°C. The TLV1544I and TLV1548I are
characterized for operation over the full industrial temperature range of –40
°C to 85°C. The TLV1548M is
characterized for operation over the full military temperature range of –55
°C to 125°C.
functional block diagram
Analog
MUX
Self-Test
Reference
Input
Data
Register
Control
Logic
and
I/O
Counters
10-Bit ADC
(Switch Capacitors)
Output Data Register
10-to-1
Data Selector
Sample
and
Hold Function
CLOCK
A0–A7
REF+
REF–
DATA IN
DATA OUT
EOC
FS
CS
CSTART
INV CLK
I/O CLK
Terminals shown are for the DB package.
1–8
14
13
17
16
19
12
15
9
11
18
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DB)
(D)
(PW)
(J)
(FK)
0
°C to 70°C
TLV1548CDB
TLV1544CD
TLV1544CPW
–40
°C to 85°C
TLV1548IDB
TLV1544ID
TLV1544IPW
–55
°C to 125°C
TLV1548MJ
TLV1548MFK
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR†
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
A
POWER RATING
DB
D
785 mW
799 mW
8.7 mW/
°C
8 9 mW/
°C
393 mW
399 mW
261 mW
266 mW
D
PW
J
799 mW
604 mW
1894 mW
8.9 mW/
°C
6.7 mW/
°C
15 1 mW/
°C
399 mW
302 mW
1212 mW
266 mW
201 mW
985 mW
379 mW
J
FK
1894 mW
1375 mW
15.1 mW/
°C
11.0 mW/
°C
1212 mW
880 mW
985 mW
715 mW
379 mW
275 mW
† This is the inverse of the traditional junction-to-ambient thermal resistance (R
ΘJA). RΘJA values are derived from Texas Instruments
characterization data. Thermal resistance is not production tested and values are given for informational purposes only.


Similar Part No. - TLV1544IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544ID TI-TLV1544ID Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
More results

Similar Description - TLV1544IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com