Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205627472E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL205627472E3
Description  Aluminum Capacitors Power Standard Miniature Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205627472E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL205627472E3 Datasheet HTML 1Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 2Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 3Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 4Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 5Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 6Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 7Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 8Page - Vishay Siliconix MAL205627472E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
056/057 PSM-SI
Vishay BCcomponents
Aluminum Capacitors
Power Standard Miniature Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340
4
Revision: 18-Aug-08
Note
Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 056 series
10 000 µF/25 V; ± 20 %
Nominal case size: Ø 25 x 40 mm
2-terminal snap-in
3-terminal snap-in
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz
or
≥ 10 kHz and 85 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 056 46103 E3
Former 12NC:
2222 056 46103
Ordering code: MAL2 056 26103 E3
Former 12NC:
2222 056 26103
ELECTRICAL DATA AND ORDERING INFORMATION FOR 056 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(A)
IR
≥ 10 kHz
85
°C
(A)
IL1
1 min
(µA)
IL5
5 min
(µA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2056.......
2-TERM.
3-TERM.
10
6800
22 x 25
2.04
2.40
412
140
76
62
54682E3
74682E3
10 000
22 x 30
2.56
3.02
608
205
56
45
54103E3
74103E3
15 000
25 x 30
3.12
3.68
904
304
44
39
54153E3
74153E3
15 000
22 x 40
3.39
4.00
904
304
41
34
44153E3
24153E3
22 000
30 x 30
3.47
4.09
1324
444
44
37
54223E3
74223E3
22 000
25 x 40
4.12
4.86
1324
444
34
28
44223E3
24223E3
33 000
30 x 40
4.58
5.40
1984
664
32
28
54333E3
74333E3
33 000
25 x 50
4.70
5.55
1984
664
30
27
44333E3
24333E3
47 000
35 x 40
5.10
6.02
2824
944
31
26
54473E3
74473E3
47 000
30 x 50
5.39
6.36
2824
944
28
24
44473E3
24473E3
68 000
35 x 50
5.88
6.94
4084
1364
28
23
54683E3
74683E3
16
4700
22 x 25
2.01
2.37
455
154
79
62
55472E3
75472E3
6800
22 x 30
2.54
3.00
657
222
57
45
55682E3
75682E3
10 000
25 x 30
3.02
3.56
964
324
47
39
55103E3
75103E3
10 000
22 x 40
3.28
3.87
964
324
44
34
45103E3
25103E3
15 000
30 x 30
3.36
3.96
1444
484
47
37
55153E3
75153E3
15 000
25 x 40
4.00
4.72
1444
484
34
28
45153E3
25153E3
22 000
30 x 40
4.51
5.32
2116
708
33
28
55223E3
75223E3
22 000
25 x 50
3.97
4.68
2116
708
42
41
45223E3
25223E3
33 000
35 x 40
5.02
5.92
3172
1060
32
28
55333E3
75333E3
33 000
30 x 50
4.75
5.61
3172
1060
36
34
45333E3
25333E3
47 000
35 x 50
5.34
6.30
4516
1508
34
32
55473E3
75473E3
25
3300
22 x 25
1.88
2.22
499
169
89
61
56332E3
76332E3
4700
22 x 30
2.37
2.80
709
239
65
45
56472E3
76472E3
6800
25 x 30
2.81
3.32
1024
344
54
41
56682E3
76682E3
6800
22 x 40
3.16
3.73
1024
344
47
38
46682E3
26682E3
10 000
30 x 30
3.25
3.84
1504
504
50
38
56103E3
76103E3
10 000
25 x 40
3.73
4.40
1504
504
39
30
46103E3
26103E3
15 000
30 x 40
4.73
5.58
2254
754
30
28
56153E3
76153E3
15 000
25 x 50
3.92
4.63
2254
754
43
39
46153E3
26153E3
22 000
35 x 40
4.48
5.29
3304
1104
40
28
56223E3
76223E3
22 000
30 x 50
4.96
5.85
3304
1104
36
23
46223E3
26223E3
33 000
35 x 50
4.98
5.88
4954
1654
39
33
56333E3
76333E3


Similar Part No. - MAL205627472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205627472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI Datasheet
141Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 09-Mar-12
056PSM VISHAY-056PSM Datasheet
149Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-in
Revision: 25-Mar-07
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com