Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213638121E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL213638121E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213638121E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL213638121E3 Datasheet HTML 1Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 2Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 3Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 4Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 5Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 6Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 7Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 8Page - Vishay Siliconix MAL213638121E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Document Number: 28321
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 21-Dec-07
133
136 RVI
Aluminum Capacitors
Radial Very Low Impedance
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 136 series
1000 µF/25 V;
± 20 %
Nominal case size: Ø 12.5 x 25 mm; Form TFA
Ordering code: MAL213636102E3
Former 12NC: 2222 136 36102
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 kHz, 105
°C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
+ 20 °C
(m
Ω)
Z
100 kHz
- 10 °C
(m
Ω)
ORDERING CODE
MAL2136.......
BULK PACKAGING
TAPED
FORM
CA
FORM
CB
FORM
TFA
10
390
10 x 12
630
39
0.19
120
240
54391E3
64391E3
34391E3
470
10 x 12
630
47
0.19
120
240
54471E3
64471E3
34471E3
680
10 x 16
830
68
0.19
84
170
54681E3
64681E3
34681E3
1000
10 x 20
1000
100
0.19
62
130
54102E3
64102E3
34102E3
1000
12.5 x 16
940
100
0.19
76
160
94105E3
94106E3
94103E3
1200
10 x 25
1300
120
0.19
52
110
54122E3
64122E3
34122E3
1500
10 x 30
1400
150
0.19
44
88
94155E3
94156E3
-
1500
12.5 x 20
1300
150
0.19
46
92
54152E3
64152E3
34152E3
1800
12.5 x 20
1340
180
0.19
46
92
54182E3
64182E3
34182E3
2200
12.5 x 25
1700
220
0.21
34
68
54222E3
64222E3
34222E3
2700
12.5 x 31
2000
270
0.21
30
60
54272E3
64272E3
-
3300
16 x 20
1600
330
0.23
38
76
54332E3
64332E3
34332E3
3900
16 x 25
2100
390
0.23
28
56
54392E3
64392E3
34392E3
4700
16 x 31
2400
470
0.25
25
50
54472E3
64472E3
34472E3
5600
16 x 31
2400
560
0.27
25
50
54562E3
64562E3
34562E3
5600
18 x 25
2270
560
0.27
25
50
94565E3
94566E3
-
6800
16 x 35
2600
680
0.29
22
44
54682E3
64682E3
-
6800
18 x 31
2760
680
0.29
23
46
94685E3
94686E3
-
10 000
18 x 35
3180
1000
0.31
21
42
54103E3
64103E3
-
16
270
10 x 12
630
43
0.16
120
240
55271E3
65271E3
35271E3
330
10 x 12
630
53
0.16
120
240
55331E3
65331E3
35331E3
470
10 x 16
830
75
0.16
84
170
55471E3
65471E3
35471E3
680
10 x 20
1000
110
0.16
62
130
55681E3
65681E3
35681E3
680
12.5 x 16
940
110
0.16
76
160
95685E3
95686E3
95683E3
820
10 x 25
1300
130
0.16
52
110
55821E3
65821E3
35821E3
1000
12.5 x 20
1300
160
0.16
48
96
55102E3
65102E3
35102E3
1200
10 x 30
1400
190
0.16
44
88
95125E3
95126E3
-
1200
12.5 x 20
1300
190
0.16
46
92
55122E3
65122E3
35122E3
1500
12.5 x 25
1700
240
0.16
34
68
55152E3
65152E3
35152E3
2200
12.5 x 31
2000
350
0.18
30
60
95225E3
95226E3
-
2200
16 x 20
1600
350
0.18
38
76
55222E3
65222E3
35222E3
2700
16 x 25
2100
430
0.18
28
56
55272E3
65272E3
35272E3
3300
16 x 25
2100
530
0.20
28
56
55332E3
65332E3
35332E3
3900
16 x 31
2400
620
0.20
25
50
55392E3
65392E3
35392E3
4700
16 x 35
2600
750
0.22
22
44
55472E3
65472E3
-
4700
18 x 31
2560
750
0.22
23
46
95475E3
95476E3
-
6800
18 x 35
3000
1090
0.24
21
42
55682E3
65682E3
-


Similar Part No. - MAL213638121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213638121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com