Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAT54C
Description  Schottky Diode, 2 x 0.1 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54C Datasheet(HTML) 3 Page - Vishay Siliconix

  BAT54C Datasheet HTML 1Page - Vishay Siliconix BAT54C Datasheet HTML 2Page - Vishay Siliconix BAT54C Datasheet HTML 3Page - Vishay Siliconix BAT54C Datasheet HTML 4Page - Vishay Siliconix BAT54C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 94269
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Sep-08
3
BAT54CPbF
Schottky Diode, 2 x 0.1 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
(Per Leg)
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
0.0001
0.1
0.01
0.001
1
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
1.4
1.2
0
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
1
0.00001
0.0001
0.1
0.01
VR - Reverse Voltage (V)
10
515
20
30
25
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
1
10
VR - Reverse Voltage (V)
10
515
20
25
30
0
T
J = 25 °C
0
0.3
0.2
0.1
0.4
IF(AV) - Average Forward Current (A)
0.3
0.1
0.2
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
0.1
1
10
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - BAT54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Diodes Incorporated
BAT54C DIODES-BAT54C Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
More results

Similar Description - BAT54C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54APBF VISHAY-BAT54APBF Datasheet
79Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54C VISHAY-BAT54C Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54A VISHAY-BAT54A Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54S VISHAY-BAT54S Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54CWPBF VISHAY-BAT54CWPBF Datasheet
76Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54SPBF VISHAY-BAT54SPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54AWPBF VISHAY-BAT54AWPBF Datasheet
73Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 19-Sep-08
BAT54SW VISHAY-BAT54SW Datasheet
76Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 22-Aug-08
BAT54AW VISHAY-BAT54AW Datasheet
71Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com