Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213247222E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL213247222E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213247222E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL213247222E3 Datasheet HTML 1Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 2Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 3Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 4Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 5Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 6Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 7Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 8Page - Vishay Siliconix MAL213247222E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366
218
Revision: 18-Apr-08
132/133 ALL-DIN
Vishay
Aluminum Capacitors
Axial Long Life, DIN-Based
Table 2
Note
Unless otherwise specified, all electrical values in Table 3 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 132 series
100 µF/40 V; - 10/+ 50 %
Nominal case size: Ø 10 x 18 mm; Form BR
Ordering code: MAL213227101E3
Former 12NC: 2222 132 27101
D3
120 °C
(3 x)
d2
-
1.3 + 0.1
0
(3 x)
1.05 + 0.03
- 0.1
3.6 + 0.2
- 0.2
(3 x)
1.3 + 0
(3 x)
Mounting holes
90° ± 2°
(3 x)
- 0.05
D
L
+ 1.0
- 0.5
Ø d1
Ø D2
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Case Ø D x L = 15 x 30 to 21 x 38 mm
Case not insulated (insulation on request)
Especially for applications with severe shocks and vibrations
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Ø Dmax.
Ø D2max.
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
≈ 11.7
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
≈ 12.9
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
≈ 19.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
≈ 24.0
100
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance - 10/+ 50 %
IR
rated RMS ripple current at 100 Hz, 85
°C
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz (calculated
from tan
δ
max. and CR)
Z
max. impedance at 10 kHz


Similar Part No. - MAL213247222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213247222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com