Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1548CDBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV1548CDBRG4
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548CDBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV1548CDBRG4 Datasheet HTML 3Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 4Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 5Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 6Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 7Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 8Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 9Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 10Page - Texas Instruments TLV1548CDBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
input data bits
DATA IN is internally connected to a 4-bit serial input data register. The input data selects a different mode or
selects different analog input channels. The host provides the data word with the MSB first. Each data bit clocks
in on the edge (rising or falling depending on the status of INV CLK and FS) of the I/O CLK sequence. The input
clock can be inverted by grounding INV CLK (see Table 3 for the list of software programmed operations set
by the input data).
Table 3. TLV1544/1548 Software-Programmed Operation Modes
INPUT DATA BYTE
FUNCTION SELECT
A3 – A0
COMMENT
BINARY
HEX
Analog channel A0 for TLV1548 selected
0000b
0h
Channel 0 for TLV1544
Analog channel A1 for TLV1548 selected
0001b
1h
Analog channel A2 for TLV1548 selected
0010b
2h
Channel 1 for TLV1544
Analog channel A3 for TLV1548 selected
0011b
3h
Analog channel A4 for TLV1548 selected
0100b
4h
Channel 2 for TLV1544
Analog channel A5 for TLV1548 selected
0101b
5h
Analog channel A6 for TLV1548 selected
0110b
6h
Channel 3 for TLV1544
Analog channel A7 for TLV1548 selected
0111b
7h
Software power down set
1000b
8h
No conversion result (cleared by any access)
Fast conversion rate (10
µs) set
1001b
9h
No conversion result (cleared by setting to fast)
Slow conversion rate (40
µs) set
1010b
Ah
No conversion result (cleared by setting to slow)
Self-test voltage (Vref) – Vref–)/2 selected
1011b
Bh
Output result = 200h
Self-test voltage Vref* selected
1100b
Ch
Output result = 000h
Self-test voltage Vref) selected
1101b
Dh
Output result = 3FFh
Reserved
1110b
Eh
No conversion result
Reserved
1111b
Fh
No conversion result
analog inputs and internal test voltages
The eight analog inputs and the three internal test inputs are selected by the 11-channel multiplexer according
to the input data bit as shown in Table 3. The input multiplexer is a break-before-make type to reduce
input-to-input noise injection resulting from channel switching.
The device can be operated in two distinct sampling modes: normal sampling mode (fixed sampling time) and
extended sampling mode (flexible sampling time). When CSTART is held high, the device is operated in normal
sampling mode. When operated in normal sampling mode, sampling of the analog input starts on the rising edge
of the fourth I/O CLK pulse in the microprocessor interface mode (and on the fourth falling edge of I/O CLK in
the DSP interface mode). Sampling continues for 6 I/O CLK periods. The sample is held on the falling edge of
the tenth I/O CLK pulse in the microprocessor interface mode. The sample is held on the falling edge of the tenth
I/O CLK pulse in the DSP interface mode.The three test inputs are applied to the multiplexer, then sampled and
converted in the same manner as the external analog inputs.


Similar Part No. - TLV1548CDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1548CDB TI-TLV1548CDB Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
More results

Similar Description - TLV1548CDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com