Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1548IDB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548IDB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548IDB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1548IDB Datasheet HTML 2Page - Texas Instruments TLV1548IDB Datasheet HTML 3Page - Texas Instruments TLV1548IDB Datasheet HTML 4Page - Texas Instruments TLV1548IDB Datasheet HTML 5Page - Texas Instruments TLV1548IDB Datasheet HTML 6Page - Texas Instruments TLV1548IDB Datasheet HTML 7Page - Texas Instruments TLV1548IDB Datasheet HTML 8Page - Texas Instruments TLV1548IDB Datasheet HTML 9Page - Texas Instruments TLV1548IDB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DSP interface
The TLV1544/1548 can also interface with a DSP, from the TMS320 family for example, through a serial port.
The analog-to-digital converter (ADC) serves as a slave device where the DSP supplies FS and the serial I/O
CLK. Transmit and receive operations are concurrent. The falling edge of FS must occur no later than seven
I/O CLK periods after the falling edge of CS.
DSP I/O cycles differ from microprocessor I/O cycles in the following ways:
D When interfaced with a DSP, the output data MSB is available afterFS↓. The remaining output datachanges
on the rising edge of I/O CLK. The input data is sampled on the first four falling edges of I/O CLK after FS
and when INV CLK is high, or the first four rising edges of I/O CLK after FS
↓ and when INV CLK is low. This
operation is inverted when interfaced with a microprocessor.
D A new DSP I/O cycle is started on the rising edge of I/O CLK after the rising edge of FS. The internal state
machine is reset on each falling edge of I/O CLK when FS is high. This operation is opposite when interfaced
with a microprocessor.
D The TLV1544/1548 supports a 16-clock cycle when interfaced with a DSP. The output data is padded with
six trailing zeros when it is operated in DSP mode.
Table 2. TLV1544/TLV1548 Serial Interface Modes
I/O
INTERFACE MODE
I/O
MICROPROCESSOR ACTION
DSP ACTION
CS
Initializes counter
Samples state of FS
CS
Resets state machine and disable I/O
Disables I/O
FS
Connects to VCC
Connects to DSP FSX output
Initializes the state machine at each CLK
↓ after FS↑
Starts a new cycle at each CLK
↑ following the initialization
(initializes the counter)
I/O CLK
Starts sampling of the analog input started at fourth I/O CLK
Conversion started at tenth I/O CLK
Starts sampling of the analog input at fourth I/O CLK
Starts sampling of the analog input at tenth I/O CLK
DATA IN
Samples input data on I/O CLK
↑ (INV CLK high)
Samples input data on I/O CLK
↓ (INV CLK low)
Samples input data at I/O CLK
↓ (INV CLK high)
Samples input data at I/O CLK
↑ (INV CLK low)
DATA OUT
Makes MSB available on CS
Changes remaining data on I/O CLK
Makes MSB available FS
Changes remaining data at each following I/O CLK
↑ after
FS


Similar Part No. - TLV1548IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1548IDB TI-TLV1548IDB Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
More results

Similar Description - TLV1548IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com