Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213248221E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL213248221E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213248221E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL213248221E3 Datasheet HTML 1Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 2Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 3Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 4Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 5Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 6Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 7Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 8Page - Vishay Siliconix MAL213248221E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Aluminum Capacitors
Axial Long Life, DIN-Based
132/133 ALL-DIN
Vishay BCcomponents
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366
216
Revision: 18-Apr-08
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case, insulated
with a blue sleeve
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 x 30 mm available for
automatic insertion
• Charge and discharge proof
• Long useful life: up to 10 000 to 15 000 hours at 85 °C, high
reliability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• General industrial, power supplies, telecommunication,
EDP
• Coupling, decoupling, timing; smoothing, filtering and
buffering in SMPS
• For use where low mounting height is important
• Vibration and shock resistant
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for - 10 to + 50 %)
• Rated voltage (in V)
• Upper category temperature (85 °C)
• Date code, in accordance with IEC 60062
• Code for factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number (132 or 133)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
6.5 x 18
and
8 x 18
10 x 18
and
10 x 25
10 x 30
to
21 x 38
Rated capacitance range, CR
1to4700 µF
Tolerance on CR
- 10 to + 50 %
Rated voltage range, UR
10 to 350 V
Category temperature range
- 40 to + 85 °C
Endurance test at 105 °C
2000
hours
2000
hours
-
Endurance test at 85 °C
6000
hours
8000
hours
8000
hours
Useful life at 105 °C
3000
hours
3000
hours
-
Useful life at 85 °C
10 000
hours
15 000
hours
15 000
hours
Useful life at 40 °C,
1.8 x IR applied
160 000
hours
240 000
hours
240 000
hours
Shelf life at 0 V, 85 °C
500 hours
Based on sectional
specification
IEC 60384-4/EN130300
Climatic category
IEC 60068
40/085/56
132/133 ALL-DIN
longer
life
042/043 ASH
138 AML
021 ASM
119 AHT
120 ATC
high
voltage
smaller
dimensions
Fig.1 Component outlines
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
63
100
160
250
350
1.0
-
-
-
-
-
6.5 x 18
-
-
6.5 x 18
2.2
-
-
-
-
-
6.5 x 18
6.5 x 18
8 x 18
8 x 18
4.7
-
-
-
-
6.5 x 18
6.5 x 18
8 x 18
10 x 18
8 x 18
10
-
-
-
-
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30 (1)
-
-
-
-
-
-
-
10 x 30 (1)
-
22
-
-
6.5 x 18
-
8 x 18
10 x 18
10 x 25
12.5 x 30 (1)
-
-
-
-
-
-
-
10 x 30 (1)
--
Note
(1) For these CV-values see data sheet 041 - 043 ASH.


Similar Part No. - MAL213248221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213248221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com