Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213219101E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL213219101E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213219101E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  MAL213219101E3 Datasheet HTML 1Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 2Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 3Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 4Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 5Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 6Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 7Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 8Page - Vishay Siliconix MAL213219101E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 28366
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 18-Apr-08
223
132/133 ALL-DIN
Aluminum Capacitors
Axial Long Life, DIN-Based
Vishay BCcomponents
Table 4
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =10and 16 V
UR =25and 63 V
UR = 100 to 350 V
50
0.95
0.90
0.85
100
1.00
1.00
1.00
300
1.07
1.12
1.20
1000
1.12
1.20
1.30
3000
1.15
1.25
1.35
≥ 10 000
1.20
1.30
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =85 °C; UR applied;
Case Ø D xL=6.5 x18to8 x18mm:
6000 hours;
Case Ø D x L=10 x18to21x38 mm:
8000 hours
UR = 10 to 160 V; ΔC/C: ± 15 %
UR = 250 to 350 V; ΔC/C: ± 10 %
tan
δ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =85 °C; UR and IR applied;
Case Ø D x L = 6.5 x 18 to 8 x 18 mm:
10 000 hours;
Case Ø D x L=10 x18to21 x 38 mm:
15 000 hours
UR = 10 to 160 V; ΔC/C: ± 45 %
UR = 250 to 350 V; ΔC/C: ± 30 %
tan
δ≤ 3xspec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours;
After test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL213219101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213219101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com