Electronic Components Datasheet Search |
|
MAL213219221E3 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
MAL213219221E3 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 9 page www.vishay.com For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28366 220 Revision: 18-Apr-08 132/133 ALL-DIN Vishay Aluminum Capacitors Axial Long Life, DIN-Based 100 1 6.5 x 18 20 4.0 0.06 95 45 6 - 13229108E3 13239108E3 - 2.2 6.5 x 18 30 4.4 0.06 43 20 5 - 13229228E3 13239228E3 - 4.7 6.5 x 18 48 4.9 0.06 20 9.6 4 - 13229478E3 13239478E3 - 10 8 x 18 73 6 0.06 9.5 4.5 2.8 - 13229109E3 13239109E3 - 22 10 x 18 130 8.4 0.06 4.3 2 1.3 - 13229229E3 13239229E3 - 47 10 x 25 220 13.4 0.06 2.0 1 0.90 - 13290505E3 13290506E3 - 47 10 x 30 220 9.4 0.06 2.0 1 0.90 13219479E3 13229479E3 - - 68 12.5 x 30 250 13.5 0.06 1.4 0.80 - 13219689E3 13229689E3 - - 100 15 x 30 380 20 0.06 0.95 0.50 - 13219101E3 13229101E3 - 13249101E3 150 18 x 30 400 30 0.06 0.64 0.35 - 13219151E3 - - 13249151E3 220 18 x 38 660 44 0.06 0.43 0.20 - 13219221E3 - - 13249221E3 330 18 x 38 700 66 0.06 0.29 0.15 - 13219331E3 - - 13249331E3 470 21 x 38 1200 94 0.06 0.20 0.10 - 13219471E3 - - 13249471E3 160 2.2 6.5 x 18 22 20 0.10 72 55 30 - 13321228E3 13331228E3 - 4.7 8 x 18 37 20 0.10 34 26 20 - 13321478E3 13331478E3 - 10 10 x 18 61 20 0.10 16 12 10 - 13321109E3 13331109E3 - 22 10 x 25 120 20 0.10 7.2 5.5 2.5 - 13390502E3 13390503E3 - 250 2.2 8 x 18 25 20 0.10 72 50 30 - 13323228E3 13333228E3 - 4.7 10 x 18 37 20 0.10 34 23 16 - 13323478E3 13333478E3 - 10 10 x 25 66 20 0.10 16 11 9 - 13323109E3 13333109E3 - 350 1 6.5 x 18 15 20 0.10 160 100 40 - 13325108E3 13335108E3 - 2.2 8 x 18 25 20 0.10 72 45 28 - 13325228E3 13335228E3 - 4.7 8 x 18 43 20 0.10 34 21 15 - 13390511E3 13390509E3 - ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR 100 Hz (µF) NOMINAL CASE SIZE Ø D x L (mm) IR 100 Hz 85 °C (mA) IL5 5min (µA) tan δ 100 Hz ESR 100 Hz ( Ω) Z 10 kHz ( Ω) Z 100 kHz ( Ω) ORDERING CODE MAL2....... IN BOX FORM AA TAPED ON REEL FORM BR TAPED IN BOX FORM BA MOUNTING RING FORM MR ADDITIONAL ELECTRICAL DATA PARAMETER CONDITIONS VALUE AXIAL MOUNTING RING Voltage Surge voltage UR =10to250 V Us ≤ 1.15 x UR UR = 350 V Us ≤ 1.1 x UR Reverse voltage Urev ≤ 1V Current Leakage current After 1 minute: Case Ø D x L = 6.5 x 18 to 10 x 25 mm: UR =10to100 V IL1 ≤ 0.01 CR xUR +3 UR = 160 to 350 V IL1 ≤ 50 µA Case Ø DxL=10 x30to21 x 38 mm: UR =10to100 V IL1 ≤ 0.006 CR xUR +3 After 5 minutes: Case Ø D x L = 6.5 x 18 to 10 x 25 mm: UR =10to100 V IL5 ≤ 0.002 CR xUR +4 UR = 160 to 350 V IL5 ≤ 20 µA Case Ø DxL=10 x30to21 x 38 mm: UR =10to100 V IL5 ≤ 0.002 CR xUR +4 µA Inductance Equivalent series inductance (ESL) Case Ø D x L mm: 6.5 x 18 typ. 15 nH - 8 x 18 typ. 35 nH - 10 x 18 typ. 69 nH - 10 x 25 typ. 38 nH - 10 x 30 typ. 38 nH - 12.5 x 30 typ. 46 nH - 15 x 30 typ. 48 nH typ. 39 nH 18 x 30 typ. 50 nH typ. 39 nH 18 x 38 typ. 54 nH typ. 39 nH 21 x 38 typ. 59 nH typ. 39 nH |
Similar Part No. - MAL213219221E3 |
|
Similar Description - MAL213219221E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |