Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205828222E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL205828222E3
Description  Aluminum Capacitors Power Long Life Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205828222E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL205828222E3 Datasheet HTML 1Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 2Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 3Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 4Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 5Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 6Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 7Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 8Page - Vishay Siliconix MAL205828222E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342
4
Revision: 18-Aug-08
Note
Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 058 series
10 000 µF/25 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
2-terminal snap-in
3-terminal snap-in
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz or
≥ 10 kHz and 105 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 058 56103 E3
Former 12NC:
2222 058 56103
Ordering code: MAL2 058 76103 E3
Former 12NC:
2222 058 76103
ELECTRICAL DATA AND ORDERING INFORMATION FOR 058 SERIES (Ø D x L in mm)
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IR
≥ 10 kHz
105 °C
(A)
IL1
1min
(µA)
IL5
5min
(µA)
ESR
100 Hz
(m
Ω)
Z
10 Hz
(m
Ω)
ORDERING CODE
MAL2058.......
2-TERM.
3-TERM.
10
4700
22 x 25
1.95
2.30
286
98
82
57
54472E3
74472E3
6800
22 x 30
2.44
2.88
412
140
61
44
54682E3
74682E3
10 000
25 x 30
2.81
3.32
604
204
54
42
54103E3
74103E3
10 000
22 x 40
3.29
3.88
604
204
43
32
44103E3
24103E3
15 000
30 x 30
3.53
4.17
904
304
42
34
54153E3
74153E3
15 000
25 x 40
3.78
4.46
904
304
38
30
44153E3
24153E3
22 000
30 x 40
4.62
5.45
1324
444
31
25
54223E3
74223E3
22 000
25 x 50
4.68
5.52
1324
444
31
24
44223E3
24223E3
33 000
35 x 40
5.15
6.08
1984
664
30
24
54333E3
74333E3
33 000
30 x 50
5.70
6.73
1984
664
24
21
44333E3
24333E3
47 000
35 x 50
6.23
7.35
2824
944
24
21
54473E3
74473E3
16
3300
22 x 25
1.90
2.24
321
110
86
57
55332E3
75332E3
4700
22 x 30
2.36
2.78
455
154
65
44
55472E3
75472E3
6800
25 x 30
2.75
3.25
657
222
56
42
55682E3
75682E3
6800
22 x 40
3.18
3.75
657
222
46
32
45682E3
25682E3
10 000
30 x 30
3.44
4.06
964
324
44
34
55103E3
75103E3
10 000
25 x 40
3.66
4.32
964
324
40
30
45103E3
25103E3
15 000
30 x 40
4.55
5.37
1444
484
32
25
55153E3
75153E3
15 000
25 x 50
4.55
5.37
1444
484
32
24
45153E3
25153E3
22 000
35 x 40
5.07
5.98
2116
708
31
24
55223E3
75223E3
22 000
30 x 50
5.67
6.69
2116
708
25
21
45223E3
25223E3
33 000
35 x 50
6.23
7.35
3172
1060
25
21
55333E3
75333E3
25
2200
22 x 25
1.76
2.08
334
114
100
57
56222E3
76222E3
3300
22 x 30
2.23
2.63
499
169
73
44
56332E3
76332E3
4700
25 x 30
2.60
3.07
709
239
62
42
56472E3
76472E3
4700
22 x 40
3.00
3.54
709
239
52
32
46472E3
26472E3
6800
30 x 30
3.26
3.85
1024
344
49
34
56682E3
76682E3
6800
25 x 40
3.49
4.12
1024
344
44
30
46682E3
26682E3
10 000
30 x 40
4.37
5.16
1504
504
35
25
56103E3
76103E3
10 000
25 x 50
4.37
5.16
1504
504
35
24
46103E3
26103E3
15 000
35 x 40
4.91
5.79
2254
754
33
24
56153E3
76153E3
15 000
30 x 50
5.43
6.41
2254
754
27
21
46153E3
26153E3
22 000
35 x 50
6.07
7.16
3304
1104
27
21
56223E3
76223E3
40
1500
22 x 25
1.65
2.01
364
124
114
65
57152E3
77152E3
2200
22 x 30
2.04
2.49
532
180
87
50
57222E3
77222E3
3300
25 x 30
2.43
2.99
796
268
71
45
57332E3
77332E3
3300
22 x 40
2.78
3.39
796
268
60
37
47332E3
27332E3
4700
30 x 30
2.96
3.61
1132
380
59
40
57472E3
77472E3
4700
25 x 40
3.26
3.90
1132
380
51
32
47472E3
27472E3
6800
30 x 40
3.94
4.81
1636
548
42
29
57682E3
77682E3
6800
25 x 50
4.10
5.00
1636
548
39
26
47682E3
27682E3
10 000
35 x 40
4.18
5.10
2404
804
46
29
57103E3
77103E3
10 000
30 x 50
4.98
6.08
2404
804
36
24
47103E3
27103E3
15 000
35 x 50
5.21
6.36
3604
1204
36
24
57153E3
77153E3


Similar Part No. - MAL205828222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205828222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com