Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D226X_010B2_13H Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 592D226X_010B2_13H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D226X_010B2_13H Datasheet(HTML) 8 Page - Vishay Siliconix

  592D226X_010B2_13H Datasheet HTML 1Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 2Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 3Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 4Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 5Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 6Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 7Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 8Page - Vishay Siliconix 592D226X_010B2_13H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
592D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile,
Conformal Coated, Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40004
96
Revision: 22-Aug-08
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
“R” Case
100
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
1000
10 µF, 25 V
100 µF, 6.3 V
“S” Case
100
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
1000
33 - 6.3 V
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
10 000
592D 1500-4 V X/20H CASE ESR/IMPEDANCE VS FREQUENCY
1000
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
10 000
592D 1500-6.4 V X/25H CASE ESR/IMPEDANCE VS FREQUENCY
1000
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
10 000
592D 1000-6.3 V X/20H CASE ESR/IMPEDANCE VS FREQUENCY
1000
10
1
0.1
0.01
IMPEDANCE
ESR
FREQUENCY (kHz)
0.1
1
10
100
10 000
592D 2200-4 V X/25H CASE ESR/IMPEDANCE VS FREQUENCY
1000


Similar Part No. - 592D226X_010B2_13H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D226X-010B2-13H VISHAY-592D226X-010B2-13H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
More results

Similar Description - 592D226X_010B2_13H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com