Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213331109E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL213331109E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213331109E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL213331109E3 Datasheet HTML 1Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 2Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 3Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 4Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 5Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 6Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 7Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 8Page - Vishay Siliconix MAL213331109E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 28366
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 18-Apr-08
219
132/133 ALL-DIN
Aluminum Capacitors
Axial Long Life, DIN-Based
Vishay BCcomponents
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING CODE MAL2.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
10
220
8 x 18
190
8.4
0.18
1.3
0.73
0.70
-
13224221E3
13234221E3
-
470
12.5 x 30
350
9.4
0.18
0.61
0.26
0.60
13214471E3
13224471E3
-
-
680
12.5 x 30
460
13.6
0.18
0.42
0.20
0.40
13214681E3
13224681E3
-
-
1000
15 x 30
640
20
0.18
0.28
0.12
-
13214102E3
13224102E3
-
13244102E3
1500
18 x 30
800
30
0.22
0.23
0.10
-
13214152E3
-
-
13244152E3
2200
18 x 30
1100
44
0.22
0.16
0.09
-
13214222E3
-
-
13244222E3
3300
18 x 38
1300
66
0.27
0.13
0.05
-
13214332E3
-
-
13244332E3
4700
21 x 38
1800
94
0.27
0.09
0.05
-
13214472E3
-
-
13244472E3
16
47
6.5 x 18
95
5.5
0.14
4.7
2.6
2.2
-
13225479E3
13235479E3
-
100
8 x 18
150
7.2
0.14
2.2
1.2
1.1
-
13225101E3
13235101E3
-
220
10 x 18
250
11
0.14
1.0
0.55
0.55
-
13225221E3
13235221E3
-
330
10 x 25
320
14.6
0.14
0.67
0.36
0.36
-
13290508E3
13290509E3
-
330
12.5 x 30
320
10.6
0.14
0.67
0.36
0.60
13215331E3
13225331E3
-
-
470
10 x 25
450
19
0.14
0.47
0.26
0.26
-
13290507E3
13290502E3
-
470
12.5 x 30
450
15
0.14
0.47
0.26
0.40
13215471E3
13225471E3
-
-
680
15 x 30
550
22
0.14
0.33
0.14
-
13215681E3
13225681E3
-
13245681E3
1000
15 x 30
780
32
0.14
0.22
0.12
-
13215102E3
13225102E3
-
13245102E3
1500
18 x 30
950
48
0.15
0.16
0.10
-
13215152E3
-
-
13245152E3
2200
18 x 38
1300
70
0.15
0.11
0.06
-
13215222E3
-
-
13245222E3
3300
21 x 38
1600
110
0.15
0.07
0.05
-
13215332E3
-
-
13245332E3
4700
21 x 38
2300
150
0.15
0.05
0.05
-
13215472E3
-
-
13245472E3
25
22
6.5 x 18
60
5.1
0.11
8.0
4.1
2.9
-
13226229E3
13236229E3
-
220
10 x 25
340
15
0.11
0.8
0.40
0.40
-
13290503E3
13290504E3
-
220
12.5 x 30
340
11
0.11
0.8
0.40
0.60
13216221E3
13226221E3
-
-
330
12.5 x 30
410
16.5
0.11
0.53
0.30
0.40
13216331E3
13226331E3
-
-
470
12.5 x 30
560
24
0.11
0.37
0.20
-
13216471E3
13226471E3
-
-
680
18 x 30
700
34
0.11
0.26
0.10
-
13216681E3
-
-
13246681E3
1000
18 x 30
1000
50
0.11
0.17
0.10
-
13216102E3
-
-
13246102E3
1500
18 x 38
1100
75
0.12
0.13
0.06
-
13216152E3
-
-
13246152E3
2200
21 x 38
1850
110
0.13
0.09
0.05
-
13216222E3
-
-
13246222E3
40
47
8 x 18
120
7.8
0.09
3.0
1.6
1.4
-
13227479E3
13237479E3
-
100
10 x 18
210
12
0.09
1.4
0.75
0.75
-
13227101E3
13237101E3
-
150
10 x 25
310
16
0.09
0.95
0.50
0.50
-
13290511E3
13290512E3
-
150
12.5 x 30
310
12
0.09
0.95
0.50
0.60
13217151E3
13227151E3
-
-
220
12.5 x 30
410
17.5
0.09
0.65
0.34
0.40
13217221E3
13227221E3
-
-
330
15 x 30
550
26
0.09
0.43
0.20
-
13217331E3
13227331E3
-
13247331E3
470
15 x 30
700
38
0.09
0.30
0.16
-
13217471E3
13227471E3
-
13247471E3
680
18 x 30
900
54
0.09
0.21
0.10
-
13217681E3
-
-
13247681E3
1000
18 x 38
1200
80
0.09
0.14
0.08
-
13217102E3
-
-
13247102E3
1500
21 x 38
1500
120
0.10
0.10
0.06
-
13217152E3
-
-
13247152E3
2200
21 x 38
1900
180
0.10
0.07
0.05
-
13217222E3
-
-
13247222E3
63
4.7
6.5 x 18
38
4.6
0.07
24
12
5
-
13228478E3
13238478E3
-
10
6.5 x 18
64
5.3
0.07
11
5.5
3.3
-
13228109E3
13238109E3
-
22
8 x 18
100
6.8
0.07
5.1
2.5
2.1
-
13228229E3
13238229E3
-
47
10 x 18
170
9.9
0.07
2.4
1.2
1.2
-
13228479E3
13238479E3
-
68
10 x 25
210
12.6
0.07
1.6
0.81
0.60
-
13290513E3
13290514E3
-
68
10 x 30
210
8.6
0.07
1.6
0.80
0.60
13218689E3
13228689E3
-
-
100
10 x 30
300
12.6
0.07
1.1
0.60
0.40
13218101E3
13228101E3
-
-
150
15 x 30
350
19
0.07
0.74
0.37
-
13218151E3
13228151E3
-
13248151E3
220
15 x 30
520
28
0.07
0.50
0.25
-
13218221E3
13228221E3
-
13248221E3
330
18 x 30
600
42
0.07
0.34
0.15
-
13218331E3
-
-
13248331E3
470
18 x 38
970
59
0.07
0.24
0.12
-
13218471E3
-
-
13248471E3
680
21 x 38
1000
86
0.07
0.16
0.08
-
13218681E3
-
-
13248681E3
1000
21 x 38
1600
130
0.07
0.11
0.06
-
13218102E3
-
-
13248102E3


Similar Part No. - MAL213331109E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213331109E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com