Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205752681E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL205752681E3
Description  Aluminum Capacitors Power Standard Miniature Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205752681E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL205752681E3 Datasheet HTML 1Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 2Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 3Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 4Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 5Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 6Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 7Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 8Page - Vishay Siliconix MAL205752681E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 28340
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
3
056/057 PSM-SI
Aluminum Capacitors
Power Standard Miniature Snap-In
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
TWO TERMINALS SNAP-IN
THREE TERMINAL SNAP-IN
Table 1
+ TERMINAL
- TERMINAL
Ø D
L + 2 max.
L
Bottom view
5.8
mm
+ 0
- 1
Fig.2 Two terminal snap-in
The minus terminal can be marked with a black dot or with an
imprinted ‘-’ sign.
10 ± 0.1
Ø 2 ± 0.1 (2 x)
Fig.3 Mounting hole diagram
+ TERMINAL
- TERMINAL
L ± 2 max.
L
Bottom view
minus pole
marking
4 ± 0.5
Ø D
Fig.4 Three terminal snap-in
The negative terminal has TWO pins which are BOTH
electrically connected.
Ø 2 ± 0.1 (2 x)
Ø 2.5 ± 0.1
3.3 ± 0.1
10 ± 0.1
4.75 ± 0.1
The 10 mm spacing of the 2 pin snap-in is used as the base
layout and a third hole is added.
The third hole is closer to the negative primary hole so that
polarization is always maintained, together with added
mechanical stability.
Fig.5 Mounting hole diagram
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
(mm)
22 x 25
23
27
≈ 12
100
260 x 250 x 39
22 x 30
23
32
≈ 16
100
260 x 250 x 44
22 x 35
23
37
≈ 20
100
260 x 250 x 49
22 x 40
23
42
≈ 23
100
260 x 250 x 54
25 x 30
26
32
≈ 22
100
290 x 280 x 44
25 x 35
26
37
≈ 24
100
290 x 280 x 49
25 x 40
26
42
≈ 27
100
290 x 280 x 54
25 x 50
26
52
≈ 38
100
290 x 280 x 64
30 x 30
31
32
≈ 30
100
340 x 330 x 44
30 x 35
31
37
≈ 35
100
340 x 330 x 49
30 x 40
31
42
≈ 40
100
340 x 330 x 54
30 x 45
31
47
≈ 45
100
340 x 330 x 59
30 x 50
31
52
≈ 50
100
340 x 330 x 64
35 x 35
36
37
≈ 48
50
390 x 198 x 49
35 x 40
36
42
≈ 55
50
390 x 198 x 54
35 x 45
36
47
≈ 63
50
390 x 198 x 59
35 x 50
36
52
≈ 72
50
390 x 198 x 64


Similar Part No. - MAL205752681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205752681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI Datasheet
141Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 09-Mar-12
056PSM VISHAY-056PSM Datasheet
149Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-in
Revision: 25-Mar-07
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com