Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205952221E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL205952221E3
Description  Aluminum Capacitors Power Long Life Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205952221E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL205952221E3 Datasheet HTML 3Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 4Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 5Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 6Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 7Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 8Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 9Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 10Page - Vishay Siliconix MAL205952221E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342
8
Revision: 18-Aug-08
IMPEDANCE (Z)
Fig.14 Typical impedance as a function of frequency
Fig.15 Typical impedance as a function of frequency
Fig.16 Typical impedance as a function of frequency
Fig.17 Typical impedance as a function of frequency
Curve 1: 100 µF
Curve 2: 220 µF
Curve 3: 330 µF
Curve 4: 1000 µF
Curve 5: 2200 µF
Curve 6: 3300 µF
Curve 7: 4700 µF
Curve 8: 6800 µF
Curve 9: 10 000 µF
Curve 10: 15 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
2
3
1
4
8
5
9
6
7
Case Ø D x L = 30 x 30 mm and 25 x 40 mm
Curve 1: 150 µF
Curve 2: 330 µF
Curve 3: 470 µF
Curve 4: 1500 µF
Curve 5: 3300 µF
Curve 6: 4700 µF
Curve 7: 6800 µF
Curve 8: 10 000 µF
Curve 9: 15 000 µF
Curve 10: 22 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
2
3
1
4
8
5
9
6
7
Case Ø D x L = 30 x 40 mm and 25 x 50 mm
Curve 1: 220 µF
Curve 2: 470 µF
Curve 3: 680 µF
Curve 4: 2200 µF
Curve 5: 4700 µF
Curve 6: 6800 µF
Curve 7: 10 000 µF
Curve 8: 15 000 µF
Curve 9: 22 000 µF
Curve 10: 33 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
2
3
1
4
8
5
9
6
7
Case Ø D x L = 35 x 40 mm and 30 x 50 mm
Curve 1: 330 µF
Curve 2: 680 µF
Curve 3: 1000 µF
Curve 4: 3300 µF
Curve 5: 6800 µF
Curve 6: 10 000 µF
Curve 7: 15 000 µF
Curve 8: 22 000 µF
Curve 9: 33 000 µF
Curve 10: 47 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
2
3
1
4
8
5
9
6
7
Case Ø D x L = 35 x 50 mm


Similar Part No. - MAL205952221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205952221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com